Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB100-09J Datasheet (PDF) - Sanyo Semicon Device

SB100-09J Datasheet PDF - Sanyo Semicon Device
Part # SB100-09J
Download  SB100-09J Download

File Size   81.72 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 90V, 10A Rectifier

SB100-09J Datasheet (PDF)

Go To PDF Page Download Datasheet
SB100-09J Datasheet PDF - Sanyo Semicon Device

Part # SB100-09J
Download  SB100-09J Click to download

File Size   81.72 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 90V, 10A Rectifier

SB100-09J Datasheet (HTML) - Sanyo Semicon Device

SB100-09J Datasheet HTML 1Page - Sanyo Semicon Device SB100-09J Datasheet HTML 2Page - Sanyo Semicon Device SB100-09J Datasheet HTML 3Page - Sanyo Semicon Device

SB100-09J Product details

Features
• Low forward voltage (VF max=0.85V).
• Fast reverse recovery time (trr max=45ns).
• Low switching noise.
• Low leakage current and high reliability due to
   highly reliable planar structure.
• Micaless package facilitating easy mounting.

Applications
• High frequency rectification (switching regulators,
   converters, choppers).




Similar Part No. - SB100-09J

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB100-09 SANYO-SB100-09 Datasheet
80Kb / 3P
   90V, 10A Rectifier
SB100-09K SANYO-SB100-09K Datasheet
81Kb / 3P
   90V, 10A Rectifier
More results


Similar Description - SB100-09J

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB100-09K SANYO-SB100-09K Datasheet
81Kb / 3P
   90V, 10A Rectifier
SB100-09 SANYO-SB100-09 Datasheet
80Kb / 3P
   90V, 10A Rectifier
SBA100-09Y SANYO-SBA100-09Y Datasheet
83Kb / 3P
   90V, 10A Rectifier
SBA100-09J SANYO-SBA100-09J Datasheet
83Kb / 3P
   90V, 10A Rectifier
logo
Shindengen Electric Mfg...
SF10SC9 SHINDENGEN-SF10SC9 Datasheet
531Kb / 10P
   Schottky Rectifiers (SBD)(90V 10A)
D10SC9M SHINDENGEN-D10SC9M Datasheet
599Kb / 11P
   Schottky Rectifiers (SBD) (90V 10A)
DF10SC9 SHINDENGEN-DF10SC9 Datasheet
585Kb / 10P
   Schottky Rectifiers (SBD) (90V 10A)
logo
Sanyo Semicon Device
SB02-09C SANYO-SB02-09C Datasheet
70Kb / 3P
   90V, 200mA Rectifier
SB005-09CP SANYO-SB005-09CP Datasheet
55Kb / 2P
   90V, 50mA Rectifier
SB05-09 SANYO-SB05-09 Datasheet
58Kb / 2P
   90V, 500mA Rectifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com