Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SXX15L Datasheet (PDF) - Littelfuse

SXX15L Datasheet PDF - Littelfuse
Part # SXX15L
Download  SXX15L Download

File Size   988.88 Kbytes
Page   8 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Excellent unidirectional switches for phase control applications

SXX15L Datasheet (PDF)

Go To PDF Page Download Datasheet
SXX15L Datasheet PDF - Littelfuse

Part # SXX15L
Download  SXX15L Click to download

File Size   988.88 Kbytes
Page   8 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Excellent unidirectional switches for phase control applications

SXX15L Datasheet (HTML) - Littelfuse

SXX15L Datasheet HTML 1Page - Littelfuse SXX15L Datasheet HTML 2Page - Littelfuse SXX15L Datasheet HTML 3Page - Littelfuse SXX15L Datasheet HTML 4Page - Littelfuse SXX15L Datasheet HTML 5Page - Littelfuse SXX15L Datasheet HTML 6Page - Littelfuse SXX15L Datasheet HTML 7Page - Littelfuse SXX15L Datasheet HTML 8Page - Littelfuse

SXX15L Product details

Description

Excellent unidirectional switches for phase control applications such as heating and motor speed controls.

Standard phase control SCRs are triggered with few milliamperes of current at less than 1.5V potential.



Features & Benefits

• RoHS compliant

• Glass – passivated junctions

• Voltage capability up to 1000 V

• Surge capability up to 225 A



Applications

Typical applications are capacitive discharge systems for strobe lights, nailers, staplers and gas engine ignition. Also controls for power tools, home/brown goods and white goods appliances.

Internally constructed isolated packages are offered for ease of heat sinking with highest isolation voltage.



 




Similar Part No. - SXX15L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
Sxx15L LITTELFUSE-Sxx15L Datasheet
624Kb / 8P
   RoHS compliant
Sxx15LTP LITTELFUSE-Sxx15LTP Datasheet
624Kb / 8P
   RoHS compliant
More results


Similar Description - SXX15L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SXX04DS1 LITTELFUSE-SXX04DS1 Datasheet
329Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX08RS2 LITTELFUSE-SXX08RS2 Datasheet
411Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX20L LITTELFUSE-SXX20L Datasheet
1,003Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX35K LITTELFUSE-SXX35K Datasheet
195Kb / 7P
   Excellent unidirectional switches for phase control applications
SXX55R LITTELFUSE-SXX55R Datasheet
257Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX65K LITTELFUSE-SXX65K Datasheet
207Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX06RS2 LITTELFUSE-SXX06RS2 Datasheet
417Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX12R LITTELFUSE-SXX12R Datasheet
351Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX40R LITTELFUSE-SXX40R Datasheet
906Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX08XSX LITTELFUSE-SXX08XSX Datasheet
793Kb / 11P
   Excellent unidirectional switches for phase control
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com