Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK401-140 Datasheet (PDF) - Sanyo Semicon Device

STK401-140 Datasheet PDF - Sanyo Semicon Device
Part # STK401-140
Download  STK401-140 Download

File Size   303.99 Kbytes
Page   8 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Two-Channel AF Power Amplifier (- Power Supply) 120 W 120 W Minimum, THD = 0.4%????

STK401-140 Datasheet (PDF)

Go To PDF Page Download Datasheet
STK401-140 Datasheet PDF - Sanyo Semicon Device

Part # STK401-140
Download  STK401-140 Click to download

File Size   303.99 Kbytes
Page   8 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Two-Channel AF Power Amplifier (- Power Supply) 120 W 120 W Minimum, THD = 0.4%????

STK401-140 Datasheet (HTML) - Sanyo Semicon Device

STK401-140 Datasheet HTML 1Page - Sanyo Semicon Device STK401-140 Datasheet HTML 2Page - Sanyo Semicon Device STK401-140 Datasheet HTML 3Page - Sanyo Semicon Device STK401-140 Datasheet HTML 4Page - Sanyo Semicon Device STK401-140 Datasheet HTML 5Page - Sanyo Semicon Device STK401-140 Datasheet HTML 6Page - Sanyo Semicon Device STK401-140 Datasheet HTML 7Page - Sanyo Semicon Device STK401-140 Datasheet HTML 8Page - Sanyo Semicon Device

STK401-140 Product details

Overview
The STK400-030 is a 3-channel AF power amplifier IC supporting multichannel speakers. One package includes 20W×3ch for Lch, Rch and Cch. It is pin compatible with both 3-channel output devices (STK400-*00 series) and 2-channel output devices (STK401-*00 series). The output load impedance is 6/3Ω.

Features
• New series combining 3-channel output devices (STK400-*00 series) and 2-channel output devices (STK401-*00 series) with the same pin compatibility.
• Output load impedance is 6/3Ω.
• Pin assignment is grouped into individual blocks of inputs, outputs and supply lines, minimizing the adverse effects of pattern layout on operating characteristics.
• Minimum number of external components required.




Similar Part No. - STK401-140

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK401-140 SANYO-STK401-140 Datasheet
184Kb / 7P
   3ch AF Power Amplifier(Split Power Supply) 10W10W10W,THD=0.4%
STK401-140 SANYO-STK401-140 Datasheet
257Kb / 8P
   AF Power Amplifier (Split Power Supply) (20 W 20 W min, THD = 0.4%)?
STK401-140 SANYO-STK401-140 Datasheet
186Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) 15 W 15 W, THD = 0.08%??????
STK401-140 SANYO-STK401-140 Datasheet
403Kb / 10P
   3-Channel AF Power Amplifier (Split Power Supply) (15 W 15 W 15 W min, THD = 0.4 %)
STK401-140 SANYO-STK401-140 Datasheet
259Kb / 8P
   AF Power Amplifier (Split Power Supply) (25 W 25 W min, THD = 0.4%)?
More results


Similar Description - STK401-140

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK401-130 SANYO-STK401-130 Datasheet
299Kb / 8P
   Two-Channel AF Power Amplifier (- Power Supply) 100 W 100 W Minimum, THD = 0.4%???
STK4046V SANYO-STK4046V Datasheet
50Kb / 3P
   AF Power Amplifier (Split Power Supply) (120 W min, THD = 0.08%)
STK4046XI SANYO-STK4046XI Datasheet
272Kb / 4P
   AF Power Amplifier (Split Power Supply) (120 W min, THD = 0.008%)
STK401-040 SANYO-STK401-040 Datasheet
259Kb / 8P
   AF Power Amplifier (Split Power Supply) (25 W 25 W min, THD = 0.4%)?
STK401-090 SANYO-STK401-090 Datasheet
516Kb / 9P
   AF Power Amplifier (Split Power Supply) (50 W 50 W min, THD = 0.4%)
STK401-120 SANYO-STK401-120 Datasheet
245Kb / 8P
   AF Power Amplifier (Split Power Supply) (80 W 80 W min, THD = 0.4%)?
STK401-070 SANYO-STK401-070 Datasheet
258Kb / 9P
   AF Power Amplifier (Split Power Supply) (40 W 40 W min, THD = 0.4%)?
STK401-080 SANYO-STK401-080 Datasheet
256Kb / 9P
   AF Power Amplifier (Split Power Supply) (45 W 45 W min, THD = 0.4%)???
STK401-110 SANYO-STK401-110 Datasheet
243Kb / 8P
   AF Power Amplifier (Split Power Supply) (70 W 70 W min, THD = 0.4%)?
STK4038II SANYO-STK4038II Datasheet
47Kb / 3P
   AF Power Amplifier (Split Power Supply) (60 W min, THD = 0.4%)?
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com