Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IT120A_TO-78 Datasheet (PDF) - Micross Components

IT120A_TO-78 Datasheet PDF - Micross Components
Part # IT120A_TO-78
Download  IT120A_TO-78 Download

File Size   290.4 Kbytes
Page   1 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description MONOLITHIC DUAL NPN TRANSISTOR

IT120A_TO-78 Datasheet (PDF)

Go To PDF Page Download Datasheet
IT120A_TO-78 Datasheet PDF - Micross Components

Part # IT120A_TO-78
Download  IT120A_TO-78 Click to download

File Size   290.4 Kbytes
Page   1 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description MONOLITHIC DUAL NPN TRANSISTOR

IT120A_TO-78 Datasheet (HTML) - Micross Components

IT120A_TO-78 Datasheet HTML 1Page - Micross Components

IT120A_TO-78 Product details

Linear Systems replaces discontinued Intersil IT120A

The IT120A is a monolithic pair of NPN transistors mounted in a single TO-78 package. The monolithic dual chip design reduces parasitics and gives better performance while ensuring extremely tight matching. The IT120A is a direct replacement for discontinued Intersil IT120A.
The hermetically sealed TO-78 is well suited for hi-rel and harsh environment applications.

FEATURES
    Direct Replacement for INTERSIL IT120A
    HIGH hFE @ LOW CURRENT ≥ 200 @ 10µA
    OUTPUT CAPACITANCE ≤ 2.0pF
    VBE tracking ≤ 3.0µV°C

IT120A Features:
◾ High hfe at low current
◾ Tight matching
◾ Tight VBE tracking
◾ Low Output Capacitance




Similar Part No. - IT120A_TO-78

ManufacturerPart #DatasheetDescription
logo
Micross Components
IT120A_TO-71 MICROSS-IT120A_TO-71 Datasheet
289Kb / 1P
   MONOLITHIC DUAL NPN TRANSISTOR
More results


Similar Description - IT120A_TO-78

ManufacturerPart #DatasheetDescription
logo
Micross Components
LS318_TO-71 MICROSS-LS318_TO-71 Datasheet
296Kb / 1P
   MONOLITHIC DUAL NPN TRANSISTOR
LS350_TO-78 MICROSS-LS350_TO-78 Datasheet
285Kb / 1P
   MONOLITHIC DUAL NPN TRANSISTOR
LS352_SOIC MICROSS-LS352_SOIC Datasheet
276Kb / 1P
   MONOLITHIC DUAL NPN TRANSISTOR
LS352_TO-71 MICROSS-LS352_TO-71 Datasheet
285Kb / 1P
   MONOLITHIC DUAL NPN TRANSISTOR
LS303_SOT-23 MICROSS-LS303_SOT-23 Datasheet
271Kb / 1P
   MONOLITHIC DUAL NPN TRANSISTOR
LS310_TO-78 MICROSS-LS310_TO-78 Datasheet
284Kb / 1P
   MONOLITHIC DUAL NPN TRANSISTOR
LS311_TO-71 MICROSS-LS311_TO-71 Datasheet
283Kb / 1P
   MONOLITHIC DUAL NPN TRANSISTOR
LS3250C_TO-71 MICROSS-LS3250C_TO-71 Datasheet
285Kb / 1P
   MONOLITHIC DUAL NPN TRANSISTOR
IT121_TO-78 MICROSS-IT121_TO-78 Datasheet
289Kb / 1P
   MONOLITHIC DUAL NPN TRANSISTOR
IT124_TO-71 MICROSS-IT124_TO-71 Datasheet
289Kb / 1P
   MONOLITHIC DUAL NPN TRANSISTOR
IT130_TO-78 MICROSS-IT130_TO-78 Datasheet
289Kb / 1P
   MONOLITHIC DUAL NPN TRANSISTOR
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com