Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAVFNN15TR Datasheet (PDF) - GREATECS

STAVFNN15TR Datasheet PDF - GREATECS
Part # STAVFNN15TR
Download  STAVFNN15TR Download

File Size   167.74 Kbytes
Page   1 Pages
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS
Description 4 x 3 mm Miniature SMT Tactile Switches

STAVFNN15TR Datasheet (PDF)

Go To PDF Page Download Datasheet
STAVFNN15TR Datasheet PDF - GREATECS

Part # STAVFNN15TR
Download  STAVFNN15TR Click to download

File Size   167.74 Kbytes
Page   1 Pages
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS
Description 4 x 3 mm Miniature SMT Tactile Switches

STAVFNN15TR Datasheet (HTML) - GREATECS

STAVFNN15TR Datasheet HTML 1Page - GREATECS



Similar Part No. - STAVFNN15TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
STA MACOM-STA Datasheet
152Kb / 1P
   Specification Grade Discrete Plug-in
logo
Vishay Siliconix
STA VISHAY-STA Datasheet
67Kb / 3P
   Wet Tantalum Capacitors with Hermetic Seal
logo
Bel Fuse Inc.
STA-100G-CWDM4 BEL-STA-100G-CWDM4 Datasheet
1Mb / 7P
   Stratos 100G Transceivers QSFP28 100G CWDM4 2km Transceiver
STA-100G-PSM4 BEL-STA-100G-PSM4 Datasheet
1Mb / 7P
   Stratos 100G Transceivers QSFP28 100G PSM4 500m Transceiver
STA-100G-SR4 BEL-STA-100G-SR4 Datasheet
1Mb / 8P
   Stratos 100G Transceivers QSFP28 100G SR4 MMF 850nm Transceiver
More results


Similar Description - STAVFNN15TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS-100637 ETC2-MS-100637 Datasheet
158Kb / 1P
   Tactile Switches (SMT)
logo
GREATECS
TP8 GREATECS-TP8 Datasheet
406Kb / 1P
   3.5 x 7 mm SMT Tactile Switches with Ground Terminal
TP6 GREATECS-TP6 Datasheet
189Kb / 1P
   6 x 3.5 mm Tactile Switches
TP38H GREATECS-TP38H Datasheet
219Kb / 7P
   6x6 mm SMT Halogen-Free Tactile Switches
logo
Panasonic Semiconductor
EVPAWBD40 PANASONIC-EVPAWBD40 Datasheet
297Kb / 8P
   Tactile Switches 3.0 mm x 2.0 mm SMD
EVPBB0AAE000 PANASONIC-EVPBB0AAE000 Datasheet
294Kb / 8P
   Tactile Switches 2.6 mm x 1.6 mm SMD
logo
GREATECS
TP3 GREATECS-TP3 Datasheet
221Kb / 1P
   6 x 6 mm Washable Tactile Switches
TP1 GREATECS-TP1 Datasheet
163Kb / 2P
   Standard 6 x 6 mm Tactile Switches
TP4 GREATECS-TP4 Datasheet
149Kb / 1P
   Standard 12 x 12 mm Tactile Switches
TP7 GREATECS-TP7 Datasheet
104Kb / 1P
   7.2 x 7.2 mm Sealed Tactile Switches
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com