Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP4SP4JSTBK12SA Datasheet (PDF) - GREATECS

TP4SP4JSTBK12SA Datasheet PDF - GREATECS
Part # TP4SP4JSTBK12SA
Download  TP4SP4JSTBK12SA Download

File Size   149.62 Kbytes
Page   1 Pages
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS
Description Standard 12 x 12 mm Tactile Switches

TP4SP4JSTBK12SA Datasheet (PDF)

Go To PDF Page Download Datasheet
TP4SP4JSTBK12SA Datasheet PDF - GREATECS

Part # TP4SP4JSTBK12SA
Download  TP4SP4JSTBK12SA Click to download

File Size   149.62 Kbytes
Page   1 Pages
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS
Description Standard 12 x 12 mm Tactile Switches

TP4SP4JSTBK12SA Datasheet (HTML) - GREATECS

TP4SP4JSTBK12SA Datasheet HTML 1Page - GREATECS



Similar Part No. - TP4SP4JSTBK12SA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP4 ETC2-TP4 Datasheet
219Kb / 2P
   Industrial Test Leads, Probes & Clips
TP4 ETC2-TP4 Datasheet
219Kb / 2P
   Industrial Test Leads, Probes & Clips
logo
TiMOTION Technology Co....
TP4 TIMOTION-TP4 Datasheet
241Kb / 4P
   Operational temperature range 5°C~45°C
20220207-I
logo
List of Unclassifed Man...
TP40 ETC2-TP40 Datasheet
245Kb / 2P
   78 and 88V Automotive Meters
logo
Extech Instruments Corp...
TP400 EXTECH-TP400 Datasheet
149Kb / 1P
   Type K Pipe Clamp Temperature Probe
More results


Similar Description - TP4SP4JSTBK12SA

ManufacturerPart #DatasheetDescription
logo
GREATECS
TP57 GREATECS-TP57 Datasheet
168Kb / 2P
   12 x 12 mm Washable Halogen-Free Tactile Switches
TP5 GREATECS-TP5 Datasheet
128Kb / 1P
   12 x 12 mm THT Tactile Switches with Ground Terminal
TP1 GREATECS-TP1 Datasheet
163Kb / 2P
   Standard 6 x 6 mm Tactile Switches
TP6 GREATECS-TP6 Datasheet
189Kb / 1P
   6 x 3.5 mm Tactile Switches
logo
Panasonic Semiconductor
EVPAWBD40 PANASONIC-EVPAWBD40 Datasheet
297Kb / 8P
   Tactile Switches 3.0 mm x 2.0 mm SMD
EVPBB0AAE000 PANASONIC-EVPBB0AAE000 Datasheet
294Kb / 8P
   Tactile Switches 2.6 mm x 1.6 mm SMD
logo
GREATECS
TP3 GREATECS-TP3 Datasheet
221Kb / 1P
   6 x 6 mm Washable Tactile Switches
TP7 GREATECS-TP7 Datasheet
104Kb / 1P
   7.2 x 7.2 mm Sealed Tactile Switches
logo
C&K Components
PTS125 CK-COMPONENTS-PTS125 Datasheet
193Kb / 3P
   12 mm Tact Switches
PTS125 CK-COMPONENTS-PTS125_V02 Datasheet
388Kb / 5P
   12 mm Tact Switches
14 Nov 22
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com