![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
IRFE130 - N-CHANNEL POWER MOSFET - Seme LAB |
|
Click Here View IRFE130 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| MRF154 | N-CHANNEL BROADBAND RF POWER MOSFET | Motorola, Inc |
| STD100NH03L | N-CHANNEL 30V - 0.005 W - 60A DPAK STripFET¢â III POWER MOSFET | STMicroelectronics |
| STB160NF02L | N-CHANNEL 20V - 0.0018ohm - 160A D2PAK STripFET¢â POWER MOSFET | STMicroelectronics |
| STB30NS15 | N-CHANNEL 150V - 0.075 ohm - 30A D2PAK LOW GATE CHARGE STripFET¢â POWER MOSFET | STMicroelectronics |
| STB60NF06 | N-CHANNEL 60V - 0.014ohm - 60A D2PAK STripFET¢â POWER MOSFET | STMicroelectronics |
| STB80NF03L-04 | N-CHANNEL 30V - 0.0035 ohm - 80A TO-262/TO-263 STripFET POWER MOSFET | STMicroelectronics |
| STE180NE10 | N-CHANNEL 100V - 4.5 mohm - 180A ISOTOP STripFET] POWER MOSFET | STMicroelectronics |
| AF70N02 | N-Channel Enhancement Mode Power MOSFET | Anachip Corp |
| STN3NF06 | N-CHANNEL 60V - 0.07ohm - 4A SOT-223 STripFET¢â II POWER MOSFET | STMicroelectronics |
Link URL |
|
|
Related keyword |
| IRFE130 Datasheet | IRFE130 Cross Reference | IRFE130 Schematic | IRFE130 Distributor | IRFE130 Datenblatt | IRFE130 RoHS |
| IRFE130 Equivalent | IRFE130 Application Notes | IRFE130 Data Sheet | IRFE130 component | IRFE130 Fiche Technique | IRFE130 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |