Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM4004FL Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SM4004FL Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SM4004FL
Download  SM4004FL Download

File Size   294.39 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 1.0 A Glass Passivated Surface Mount Rectifiers

SM4004FL Datasheet (PDF)

Go To PDF Page Download Datasheet
SM4004FL Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SM4004FL
Download  SM4004FL Click to download

File Size   294.39 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 1.0 A Glass Passivated Surface Mount Rectifiers

SM4004FL Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH

SM4004FL Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM4004FL Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH

SM4004FL Product details

FEATURES

Low forward surge current

Ideal for surface mounted applications

Low leakage current



MECHANICAL DATA

Case: JEDEC SOD-123FL, molded plastic over passivated chip

Terminals: Solder Plated, solderable per MIL-STD-750, Method 2026

Polarity: Color band denotes cathode end

Weight: 0.006 ounces, 0.02 gram

Mounting position: Any




Similar Part No. - SM4004FL

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
SM4004FL TAYCHIPST-SM4004FL Datasheet
4Mb / 2P
   Glass Passivated Surface Mount Rectifiers
More results


Similar Description - SM4004FL

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SUF11FL SECOS-SUF11FL Datasheet
346Kb / 2P
   1.0 A Glass Passivated Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
LL4001G TSC-LL4001G Datasheet
78Kb / 2P
   1.0 AMP Surface Mount Glass Passivated Silicon Rectifiers
logo
WILLAS ELECTRONIC CORP
MD1F WILLAS-MD1F Datasheet
450Kb / 2P
   1.0 AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
LL4933G TSC-LL4933G Datasheet
67Kb / 2P
   1.0 AMP Surface Mount Glass Passivated Silicon Rectifiers
logo
List of Unclassifed Man...
LL4001G ETC-LL4001G Datasheet
52Kb / 2P
   1.0 AMP Surface Mount Glass Passivated Silicon Rectifiers
logo
SeCoS Halbleitertechnol...
FR101G SECOS-FR101G Datasheet
174Kb / 2P
   1.0 A, Glass Passivated Fast Rectifiers
SM0520FL SECOS-SM0520FL Datasheet
272Kb / 3P
   0.5 A Glass Passivated Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
EGF1A TSC-EGF1A Datasheet
55Kb / 2P
   1.0 AMP. Surface Mount Glass Passivated Junction High Efficient Rectifiers
logo
HY ELECTRONIC CORP.
S2AA HY-S2AA Datasheet
99Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
S3AB HY-S3AB_19 Datasheet
266Kb / 3P
   Surface Mount Glass Passivated Rectifiers
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com