Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC0402FC05C Datasheet (PDF) - Protek Devices

LC0402FC05C Datasheet PDF - Protek Devices
Part # LC0402FC05C
Download  LC0402FC05C Download

File Size   623.25 Kbytes
Page   9 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description 200W LOW CAPACITANCE flip chip tvs array

LC0402FC05C Datasheet (PDF)

Go To PDF Page Download Datasheet
LC0402FC05C Datasheet PDF - Protek Devices

Part # LC0402FC05C
Download  LC0402FC05C Click to download

File Size   623.25 Kbytes
Page   9 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description 200W LOW CAPACITANCE flip chip tvs array

LC0402FC05C Datasheet (HTML) - Protek Devices

LC0402FC05C Datasheet HTML 1Page - Protek Devices LC0402FC05C Datasheet HTML 2Page - Protek Devices LC0402FC05C Datasheet HTML 3Page - Protek Devices LC0402FC05C Datasheet HTML 4Page - Protek Devices LC0402FC05C Datasheet HTML 5Page - Protek Devices LC0402FC05C Datasheet HTML 6Page - Protek Devices LC0402FC05C Datasheet HTML 7Page - Protek Devices LC0402FC05C Datasheet HTML 8Page - Protek Devices LC0402FC05C Datasheet HTML 9Page - Protek Devices

LC0402FC05C Product details

DESCRIPTION
The LC0402FCxxC Series Flip Chips employ advanced silicon P/N junction technology for unmatched board-level transient voltage protection against Electrostatic Discharge (ESD) and Electrical Fast Transients (EFT). Developed specifically for high-density circuit protection, this series meets the IEC 61000-4-2 and 61000-4-4 requirements. These devices are ideally suited for handheld devices, PCMCIA and SMART cards.

FEATURES
• Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A, 5/50ns
• ESD Protection > 25 kilovolts
• Available in Voltages Ranging from 3.3V to 36V
• 200 Watts Peak Pulse Power per Line (tp = 8/20µs)
• Bidirectional and Monolithic Structure
• Low Clamping Voltage
• Low Capacitance
• Low Leakage Current
• Protection for 1 Line
• RoHS Compliant
• REACH Compliant

APPLICATIONS
• SMART Phones
• Portable Electronics
• SMART Cards




Similar Part No. - LC0402FC05C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
LC0402FC05C PROTEC-LC0402FC05C Datasheet
625Kb / 9P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
More results


Similar Description - LC0402FC05C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
LC0404FC3.3C PROTEC-LC0404FC3.3C_11 Datasheet
537Kb / 8P
   200W LOW CAPACITANCE flip chip tvs array
LC0408FC3.3C PROTEC-LC0408FC3.3C_11 Datasheet
622Kb / 9P
   200w low capacitance flip chip tvs array
LC0402FC3.3C PROTEC-LC0402FC3.3C_12 Datasheet
625Kb / 9P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
LC0404FC3.3C PROTEC-LC0404FC3.3C_12 Datasheet
538Kb / 8P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
LC0406FC3.3C PROTEC-LC0406FC3.3C_11 Datasheet
622Kb / 9P
   200w low capacitance flip chip tvs array
LC0406FC3.3C PROTEC-LC0406FC3.3C_12 Datasheet
624Kb / 9P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
ULC0402FC36C PROTEC-ULC0402FC36C_12 Datasheet
530Kb / 8P
   200W LOW CAPACITANCE UNBUMPED FLIP CHIP TVS ARRAY
ULC0402FC3.3C PROTEC-ULC0402FC3.3C_11 Datasheet
528Kb / 8P
   200W LOW CAPACITANCE unbumpe d flip chip tvs array
ESD4-LFC PROTEC-ESD4-LFC_12 Datasheet
466Kb / 6P
   LOW CAPACITANCE FLIP CHIP TVS ARRAY
ESD4-LFC PROTEC-ESD4-LFC_11 Datasheet
464Kb / 6P
   LOW CAPACITANCE flip chip tvs array
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com