Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDB8200PH Datasheet (PDF) - KODENSHI_AUK CORP.

SDB8200PH Datasheet PDF - KODENSHI_AUK CORP.
Part # SDB8200PH
Download  SDB8200PH Download

File Size   283.87 Kbytes
Page   5 Pages
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.
Description 200V, 8A POWER SCHOTTKY RECTIFIER

SDB8200PH Datasheet (PDF)

Go To PDF Page Download Datasheet
SDB8200PH Datasheet PDF - KODENSHI_AUK CORP.

Part # SDB8200PH
Download  SDB8200PH Click to download

File Size   283.87 Kbytes
Page   5 Pages
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.
Description 200V, 8A POWER SCHOTTKY RECTIFIER

SDB8200PH Datasheet (HTML) - KODENSHI_AUK CORP.

SDB8200PH Datasheet HTML 1Page - KODENSHI_AUK CORP. SDB8200PH Datasheet HTML 2Page - KODENSHI_AUK CORP. SDB8200PH Datasheet HTML 3Page - KODENSHI_AUK CORP. SDB8200PH Datasheet HTML 4Page - KODENSHI_AUK CORP. SDB8200PH Datasheet HTML 5Page - KODENSHI_AUK CORP.



Similar Part No. - SDB8200PH

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SDB8100PH KODENSHI-SDB8100PH Datasheet
287Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB8100PH KODENSHI-SDB8100PH Datasheet
287Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB8100PH-1 KODENSHI-SDB8100PH-1 Datasheet
287Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB8150PH KODENSHI-SDB8150PH Datasheet
287Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB8150PH KODENSHI-SDB8150PH Datasheet
287Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
More results


Similar Description - SDB8200PH

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
MURC820 SS-MURC820 Datasheet
1Mb / 4P
   200V 8A 25ns Rectifier
Rev 1.0 27/12/22
logo
NTE Electronics
NTE597 NTE-NTE597 Datasheet
18Kb / 2P
   Silicon Rectifier Ultra Fast, 200V, 8A
logo
Mospec Semiconductor
U08A05 MOSPEC-U08A05 Datasheet
134Kb / 2P
   POWER RECTIFIERS(8A,50-200V)
H08A05 MOSPEC-H08A05 Datasheet
138Kb / 2P
   POWER RECTIFIERS(8A,50-200V)
logo
Digitron Semiconductors
MUR870E DIGITRON-MUR870E Datasheet
198Kb / 3P
   8A SCHOTTKY RECTIFIER
logo
TAITRON Components Inco...
TSR835 TAITRON-TSR835 Datasheet
135Kb / 5P
   8A Schottky Rectifier
logo
Digitron Semiconductors
MUR805 DIGITRON-MUR805 Datasheet
301Kb / 6P
   8A SCHOTTKY RECTIFIER
logo
Taiwan Semiconductor Co...
TUAS8D TSC-TUAS8D Datasheet
515Kb / 6P
   8A, 200V - 1000V Standard Surface Mount Rectifier
logo
Unisonic Technologies
SK86 UTC-SK86 Datasheet
114Kb / 3P
   8A, 60V SCHOTTKY RECTIFIER
logo
Intersil Corporation
MUR820 INTERSIL-MUR820 Datasheet
52Kb / 5P
   8A, 200V Ultrafast Diodes
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com