Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK10EP111 Datasheet (PDF) - Semtech Corporation

SK10EP111 Datasheet PDF - Semtech Corporation
Part # SK10EP111
Download  SK10EP111 Download

File Size   100.29 Kbytes
Page   4 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver

SK10EP111 Datasheet (PDF)

Go To PDF Page Download Datasheet
SK10EP111 Datasheet PDF - Semtech Corporation

Part # SK10EP111
Download  SK10EP111 Click to download

File Size   100.29 Kbytes
Page   4 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver

SK10EP111 Datasheet (HTML) - Semtech Corporation

SK10EP111 Datasheet HTML 1Page - Semtech Corporation SK10EP111 Datasheet HTML 2Page - Semtech Corporation SK10EP111 Datasheet HTML 3Page - Semtech Corporation SK10EP111 Datasheet HTML 4Page - Semtech Corporation

SK10EP111 Product details

Description
The SK10EP111 is a low skew 1-to-10 diffferential driver, designed with clock distribution in mind. It accepts two clock sources into an input multiplexer. The ECL/PECL input signals can be either differential or single-ended if the VBB output is used. HSTL inputs can be used when the EP111 is operating under PECL conditions. The selected signal is fanned out to 10 identical differential outputs.

Features
• 100 ps Part-to-Part Skew
• 35 ps Output-to-Output Skew
• Differential Design
• VBB Output
• Low Voltage VEE Range of —2.375 to —3.8V for ECL
• Low Voltage VCC Range of +2.375 to +3.8V for PECL and HSTL
• 75 KΩ Input Pulldown Resistors
• ECL/PECL Outputs




Similar Part No. - SK10EP111

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SK10E116PJ SEMTECH-SK10E116PJ Datasheet
113Kb / 4P
   Quint Differential Line Receiver
SK10E131PJ SEMTECH-SK10E131PJ Datasheet
113Kb / 4P
   4-bit D Flip-Flop
SK10E151PJ SEMTECH-SK10E151PJ Datasheet
116Kb / 5P
   6-bit D register
SK10E445PJ SEMTECH-SK10E445PJ Datasheet
171Kb / 8P
   4-bit serial / parallel converter
SK10EL01WD SEMTECH-SK10EL01WD Datasheet
108Kb / 4P
   4-input OR / NOR
More results


Similar Description - SK10EP111

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SK100EP111 SEMTECH-SK100EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
logo
ON Semiconductor
NB100LVEP221 ONSEMI-NB100LVEP221_15 Datasheet
134Kb / 12P
   Differential HSTL/ECL/PECL Clock Driver
April, 2015 ??Rev. 10
MC100LVEP111 ONSEMI-MC100LVEP111_06 Datasheet
155Kb / 10P
   2.5V / 3.3V 1:10 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 13
MC100LVEP111 ONSEMI-MC100LVEP111_15 Datasheet
179Kb / 14P
   2.5V / 3.3V 2:1:10 Differential ECL/PECL/HSTL Clock Driver
August, 2015 ??Rev. 23
logo
Motorola, Inc
MC100EP223 MOTOROLA-MC100EP223 Datasheet
90Kb / 8P
   Low-Voltage 1:22 Differential PECL/HSTL Clock Driver
MPC911 MOTOROLA-MPC911 Datasheet
74Kb / 4P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/HSTL TO HSTL CLOCK DRIVER
logo
ON Semiconductor
MC100LVEP14 ONSEMI-MC100LVEP14_06 Datasheet
137Kb / 9P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 11
MC100EP14 ONSEMI-MC100EP14 Datasheet
66Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
June, 2004 ??Rev. 3
logo
Freescale Semiconductor...
MC100ES6221 FREESCALE-MC100ES6221 Datasheet
315Kb / 12P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
logo
ON Semiconductor
NB100LVEP221 ONSEMI-NB100LVEP221 Datasheet
94Kb / 10P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
January, 2003 - Rev. 4
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com