Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SAR523M Datasheet (PDF) - Rohm

2SAR523M Datasheet PDF - Rohm
Part # 2SAR523M
Download  2SAR523M Download

File Size   172.42 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description General purpose transistor(-50V,-0.1A)

2SAR523M Datasheet (PDF)

Go To PDF Page Download Datasheet
2SAR523M Datasheet PDF - Rohm

Part # 2SAR523M
Download  2SAR523M Click to download

File Size   172.42 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description General purpose transistor(-50V,-0.1A)

2SAR523M Datasheet (HTML) - Rohm

2SAR523M Datasheet HTML 1Page - Rohm 2SAR523M Datasheet HTML 2Page - Rohm 2SAR523M Datasheet HTML 3Page - Rohm



Similar Part No. - 2SAR523M

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR523M ROHM-2SAR523M Datasheet
2Mb / 12P
   PNP -100mA -50V General Purpose Transistor
2SAR523M ROHM-2SAR523M_15 Datasheet
2Mb / 12P
   PNP -100mA -50V General Purpose Transistor
More results


Similar Description - 2SAR523M

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR523M ROHM-2SCR523M Datasheet
173Kb / 3P
   General purpose transistor(50V,0.1A)
2SD2707 ROHM-2SD2707 Datasheet
87Kb / 4P
   General Purpose Transistor (50V, 0.15A)
2SC4081T106S ROHM-2SC4081T106S Datasheet
109Kb / 4P
   General purpose transistor (50V, 0.15A)
2SC2412KT146R ROHM-2SC2412KT146R Datasheet
109Kb / 4P
   General purpose transistor (50V, 0.15A)
2SA1774E3HZG ROHM-2SA1774E3HZG Datasheet
1Mb / 9P
   General Purpose Transistor (-50V, -150mA)
20220607 - Rev.001
2SA1576U3HZG ROHM-2SA1576U3HZG Datasheet
1Mb / 10P
   General Purpose Transistor (-50V, -150mA)
2SC2412K ROHM-2SC2412K_09 Datasheet
177Kb / 4P
   General purpose transistor (50V, 0.15A)
2SA1037AK ROHM-2SA1037AK_09 Datasheet
174Kb / 4P
   General Purpose Transistor (50V, 0.15A)
2SC4617TLQ ROHM-2SC4617TLQ Datasheet
109Kb / 4P
   General purpose transistor (50V, 0.15A)
2SC1740STPR ROHM-2SC1740STPR Datasheet
109Kb / 4P
   General purpose transistor (50V, 0.15A)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com