Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1013-R Datasheet (PDF) - Micro Commercial Components

2SA1013-R Datasheet PDF - Micro Commercial Components
Part # 2SA1013-R
Download  2SA1013-R Download

File Size   108.35 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description PNP Epitaxial Silicon Transistor

2SA1013-R Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1013-R Datasheet PDF - Micro Commercial Components

Part # 2SA1013-R
Download  2SA1013-R Click to download

File Size   108.35 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description PNP Epitaxial Silicon Transistor

2SA1013-R Datasheet (HTML) - Micro Commercial Components

2SA1013-R Datasheet HTML 1Page - Micro Commercial Components 2SA1013-R Datasheet HTML 2Page - Micro Commercial Components

2SA1013-R Product details

Features
• Lead Free Finish/Rohs Compliant ("P"Suffix designates
   RoHS Compliant. See ordering information)
• Capable of 0.9Watts of Power Dissipation.
• Collector-current -1.0A
• Collector-base Voltage -160V
• Operating and storage junction temperature range: -55°C to +150°C
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
• Halogen free available upon request by adding suffix "-HF"




Similar Part No. - 2SA1013-R

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SA1013-R KEXIN-2SA1013-R Datasheet
336Kb / 1P
   PNP Transistors
logo
Micro Commercial Compon...
2SA1013-R MCC-2SA1013-R Datasheet
337Kb / 2P
   PNP Epitaxial Silicon Transistor
logo
DONGGUAN YOU FENG WEI E...
2SA1013-R YFWDIODE-2SA1013-R Datasheet
379Kb / 2P
   PNP Transistors
logo
Micro Commercial Compon...
2SA1013-R MCC-2SA1013-R_13 Datasheet
337Kb / 2P
   PNP Epitaxial Silicon Transistor
More results


Similar Description - 2SA1013-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com