![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
IR2C24N - 6-UNIT 320mA Transistor Array - Sharp Electrionic Components |
|
Click Here View IR2C24N Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| M54534P | 6-UNIT 320mA TRANSISTOR ARRAY WITH CLAMP DIODE AND STROBE | Mitsubishi Electric Semiconductor |
| M54533P | 6-UNIT 320mA TRANSISTOR ARRAY WITH CLAMP DIODE AND STROBE | Mitsubishi Electric Semiconductor |
| M54529AP | S-UNIT 320mA TRANSISTOR ARRAY WITH STORE | Mitsubishi Electric Semiconductor |
| M54529P | S-UNIT 320mA TRANSISTOR ARRAY WITH STORE | Mitsubishi Electric Semiconductor |
| M54527P | 6-UNIT 150mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE | Mitsubishi Electric Semiconductor |
| M54539P | 6-UNIT 700mA TRANSISTOR ARRAY WITH CLAMP DIODE | Mitsubishi Electric Semiconductor |
| IR2419 | 6-Unit 400mA Darlington Transistor Array | Sharp Electrionic Components |
| M54563P | 8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE | Mitsubishi Electric Semiconductor |
| UPA1454 | NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE INDUSTRIAL USE | NEC |
| NTE2076 | Integrated Circuit 7-Segment Darlington Transistor Array w/Clamp Diode | NTE Electronics |
Link URL |
|
|
Related keyword |
| IR2C24N Datasheet | IR2C24N Cross Reference | IR2C24N Schematic | IR2C24N Distributor | IR2C24N Datenblatt | IR2C24N RoHS |
| IR2C24N Equivalent | IR2C24N Application Notes | IR2C24N Data Sheet | IR2C24N component | IR2C24N Fiche Technique | IR2C24N Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |