Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA158 Datasheet (PDF) - Micro Commercial Components

BA158 Datasheet PDF - Micro Commercial Components
Part # BA158
Download  BA158 Download

File Size   371.97 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 1 Amp Fast Recovery Rectifier 400~1000 Volts

BA158 Datasheet (PDF)

Go To PDF Page Download Datasheet
BA158 Datasheet PDF - Micro Commercial Components

Part # BA158
Download  BA158 Click to download

File Size   371.97 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 1 Amp Fast Recovery Rectifier 400~1000 Volts

BA158 Datasheet (HTML) - Micro Commercial Components

BA158 Datasheet HTML 1Page - Micro Commercial Components BA158 Datasheet HTML 2Page - Micro Commercial Components BA158 Datasheet HTML 3Page - Micro Commercial Components

BA158 Product details

Features
• Halogen free available upon request by adding suffix "-HF
• Low Leakage Current
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
• Fast Switching For High Efficiency
• High emperature soldering guaranteed:260oC /10 seconds
• Lead Free Finish/RoHS Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)




Similar Part No. - BA158

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BA158 PANJIT-BA158 Datasheet
54Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 400 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Rugao Dachang Electroni...
BA158 DACHANG-BA158 Datasheet
125Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 400 to 1000V Forward Current 1.0A
logo
Semikron International
BA158 SEMIKRON-BA158 Datasheet
138Kb / 2P
   Fast silicon rectifier diodes
logo
Leshan Radio Company
BA158 LRC-BA158 Datasheet
352Kb / 3P
   Fast Switching Plastic Rectifiers Reverse Voltage 400 to 1000V Forward Current 1.0A
logo
SynSemi, Inc.
BA158 SYNSEMI-BA158 Datasheet
39Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
More results


Similar Description - BA158

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RA157E MCC-RA157E Datasheet
432Kb / 3P
   1 Amp Fast Recovery Rectifier 400~1000 Volts
RA157E MCC-RA157E_15 Datasheet
452Kb / 3P
   1 Amp Fast Recovery Rectifier 400~1000 Volts
BA157 MCC-BA157_13 Datasheet
403Kb / 3P
   1 Amp Fast Recovery Rectifier 400~1000 Volts
BA157GP MCC-BA157GP_13 Datasheet
264Kb / 4P
   1 Amp Glass Passivated Fast Recovery Rectifier 400~1000 Volts
BA157GP MCC-BA157GP Datasheet
233Kb / 4P
   1 Amp Glass Passivated Fast Recovery Rectifier 400~1000 Volts
logo
List of Unclassifed Man...
SDR504 ETC-SDR504 Datasheet
324Kb / 6P
   ULTRA FAST RECOVERY RECTIFIER 400-1000 VOLTS
logo
Micro Commercial Compon...
1N4942 MCC-1N4942 Datasheet
81Kb / 3P
   1 Amp Fast Recovery Rectifier 200 to 1000 Volts
logo
Shanghai Lunsure Electr...
1N4942 CHENYI-1N4942 Datasheet
51Kb / 3P
   1 Amp Fast Recovery Rectifier 200 to 1000 Volts
logo
Micro Commercial Compon...
1N4942 MCC-1N4942_13 Datasheet
451Kb / 4P
   1 Amp Fast Recovery Rectifier 200 to 1000 Volts
FR1A MCC-FR1A Datasheet
622Kb / 3P
   1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com