Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS200-5 Datasheet (PDF) - TDK Electronics

LS200-5 Datasheet PDF - TDK Electronics
Part # LS200-5
Download  LS200-5 Download

File Size   793.49 Kbytes
Page   2 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Single Output 150 - 200W General Purpose Power Supplies

LS200-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
LS200-5 Datasheet PDF - TDK Electronics

Part # LS200-5
Download  LS200-5 Click to download

File Size   793.49 Kbytes
Page   2 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Single Output 150 - 200W General Purpose Power Supplies

LS200-5 Datasheet (HTML) - TDK Electronics

LS200-5 Datasheet HTML 1Page - TDK Electronics LS200-5 Datasheet HTML 2Page - TDK Electronics

LS200-5 Product details

Single Output 150 - 200W General Purpose Power Supplies

◆ Very low cost
◆ Small Size
◆ Wide Range AC Input
◆ Convection or Fan Cooled
◆ Three year warranty
◆ 1.6" high (For 1U racking)




Similar Part No. - LS200-5

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
LS200-5 TDK-LS200-5 Datasheet
271Kb / 2P
   Single Output 150 - 200W General Purpose Power Supplies
LS200-5L TDK-LS200-5L Datasheet
271Kb / 2P
   Single Output 150 - 200W General Purpose Power Supplies
More results


Similar Description - LS200-5

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
LS20024 TDK-LS20024 Datasheet
271Kb / 2P
   Single Output 150 - 200W General Purpose Power Supplies
LS25-3.3 TDK-LS25-3.3 Datasheet
533Kb / 2P
   Single Output General Purpose Power Supplies
SWS755 TDK-SWS755 Datasheet
110Kb / 2P
   Single Output General Purpose Power Supplies
logo
RSG Electronic Componen...
LS25 RSG-LS25 Datasheet
1Mb / 6P
   Single output General Purpose Power Supplies
logo
TDK Electronics
SWS50 TDK-SWS50 Datasheet
487Kb / 2P
   Single Output General Purpose Power Supplies
SWS300A-600 TDK-SWS300A-600 Datasheet
308Kb / 2P
   Single Output General Purpose Power Supplies
logo
Mean Well Enterprises C...
NEL-200 MEANWELL-NEL-200 Datasheet
545Kb / 2P
   200W Single Output Swtiching Power Supply
logo
Total Power Internation...
NES-200 TOTAL-POWER-NES-200 Datasheet
54Kb / 1P
   200W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
HLG-185H-C MEANWELL-HLG-185H-C Datasheet
406Kb / 6P
   200W Single Output LED Power Supply
NES-200 MEANWELL-NES-200_12 Datasheet
297Kb / 2P
   200W Single Output Switching Power Supply
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com