Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS19377 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TS19377 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TS19377
Download  TS19377 Download

File Size   140.55 Kbytes
Page   7 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 2A Buck (Step-down) WLED Driver

TS19377 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS19377 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TS19377
Download  TS19377 Click to download

File Size   140.55 Kbytes
Page   7 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 2A Buck (Step-down) WLED Driver

TS19377 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd

TS19377 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19377 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19377 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19377 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19377 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19377 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19377 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd

TS19377 Product details

General Description

TS19377 consists of step-down switching regulator with PWM control. These devise include a reference voltage source, oscillation circuit, error amplifier, internal PMOS and etc.

TS19377 provides low-ripple power, high efficiency, and excellent transient characteristics. The PWM control circuit is able to the duty ratio linearly from 0 up to 100%. An enable function, an over current protect function and short circuit protect function are built inside, and when OCP or SCP happens, the operation frequency will be reduced. Also, an internal compensation block is built in to minimum external component count.



Features

● Input Voltage Range 3.6V~23V

● Output voltage: 0.25V~Vcc

● 2A Switch Output Current

● Duty ratio: 0%~100% PWM control

● 330kHz Switching Frequency

● Enable/Disable Functions

● Current limit and Thermal Shutdown

● Short Circuit Protections

● Built-in Internal SW P-CH MOS



Application

● White LED Backlighting

● White LED Driving

● Multiple LED Driving

● LED Lighting Equipment



 




Similar Part No. - TS19377

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1937 TSC-TS1937 Datasheet
384Kb / 8P
   Boost (Step-up) WLED Driver
TS19370 TSC-TS19370 Datasheet
193Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19370CX6RF TSC-TS19370CX6RF Datasheet
193Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19370CX6RF TSC-TS19370CX6RF Datasheet
124Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19370 TSC-TS19370_10 Datasheet
124Kb / 8P
   Boost (Step-up) WLED Driver with OVP
More results


Similar Description - TS19377

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19378 TSC-TS19378_15 Datasheet
274Kb / 7P
   2A Buck (Step-down) WLED Driver
TS19378 TSC-TS19378 Datasheet
131Kb / 7P
   2A Buck (Step-down) WLED Driver
TS19373 TSC-TS19373_10 Datasheet
259Kb / 9P
   800mA Buck (Step-down) WLED Driver
TS19373 TSC-TS19373 Datasheet
386Kb / 7P
   800mA Buck (Step-down) WLED Driver
TS19372 TSC-TS19372 Datasheet
317Kb / 6P
   Buck (Step-down) WLED Driver with External Switch
TS19372 TSC-TS19372_10 Datasheet
183Kb / 9P
   Buck (Step-down) WLED Driver with External Switch
logo
Diodes Incorporated
AP3419 DIODES-AP3419 Datasheet
471Kb / 9P
   2A STEP-DOWN DC-DC BUCK CONVERTER
AP3402 DIODES-AP3402 Datasheet
474Kb / 10P
   1.0MHZ, 2A STEP-DOWN DC-DC BUCK CONVERTER
AP3429 DIODES-AP3429 Datasheet
690Kb / 11P
   1.0MHZ, 2A STEP-DOWN DC-DC BUCK CONVERTER
logo
List of Unclassifed Man...
LA8303 ETC-LA8303 Datasheet
503Kb / 20P
   300KHz, 2A/23V Step-Down LED Driver
Jun. 11, 2009
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com