Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPS2222A Datasheet (PDF) - Micro Commercial Components

MPS2222A Datasheet PDF - Micro Commercial Components
Part # MPS2222A
Download  MPS2222A Download

File Size   227.92 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN General Purpose Amplifier

MPS2222A Datasheet (PDF)

Go To PDF Page Download Datasheet
MPS2222A Datasheet PDF - Micro Commercial Components

Part # MPS2222A
Download  MPS2222A Click to download

File Size   227.92 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN General Purpose Amplifier

MPS2222A Datasheet (HTML) - Micro Commercial Components

MPS2222A Datasheet HTML 1Page - Micro Commercial Components MPS2222A Datasheet HTML 2Page - Micro Commercial Components MPS2222A Datasheet HTML 3Page - Micro Commercial Components MPS2222A Datasheet HTML 4Page - Micro Commercial Components

MPS2222A Product details

Features
• Wide operating junction temperature: -55 °C+150 °C
• Capable of 600mWatts of Power Dissipation
• Collector-current 0.6A
• Epoxy meets UL 94 V-0 flammability rating
• Moisure Sensitivity Level 1
• Marking:Type number
• Lead Free Finish/RoHS Compliant ("P" Suffix designates RoHS Compliant. See ordering information)




Similar Part No. - MPS2222A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPS2222A MOTOROLA-MPS2222A Datasheet
244Kb / 6P
   General Purpose Transistors
logo
Continental Device Indi...
MPS2222A CDIL-MPS2222A Datasheet
198Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
ON Semiconductor
MPS2222A ONSEMI-MPS2222A Datasheet
119Kb / 8P
   General Purpose Transistors(NPN Silicon)
October, 2001 ??Rev. 1
logo
Tiger Electronic Co.,Lt...
MPS2222A TGS-MPS2222A Datasheet
106Kb / 2P
   Complementary NPN Type available (MPS2222)
logo
Samsung semiconductor
MPS2222A SAMSUNG-MPS2222A Datasheet
39Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR(GENERAL PURPOSE TRANSISTOR)
More results


Similar Description - MPS2222A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com