Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC123 Datasheet (PDF) - Sharp Corporation

PC123 Datasheet PDF - Sharp Corporation
Part # PC123
Download  PC123 Download

File Size   79.24 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description European Safety Standard Approved Type Long Creepage Distance Photocoupler

PC123 Datasheet (PDF)

Go To PDF Page Download Datasheet
PC123 Datasheet PDF - Sharp Corporation

Part # PC123
Download  PC123 Click to download

File Size   79.24 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description European Safety Standard Approved Type Long Creepage Distance Photocoupler

PC123 Datasheet (HTML) - Sharp Corporation

PC123 Datasheet HTML 1Page - Sharp Corporation PC123 Datasheet HTML 2Page - Sharp Corporation PC123 Datasheet HTML 3Page - Sharp Corporation PC123 Datasheet HTML 4Page - Sharp Corporation

PC123 Product details

■ Description
PC123 Series contains an IRED optically coupled to a phototransistor.
It is packaged in a 4-pin DIP, available in wide-lead spacing option and SMT gullwing lead-form option.
Input-output isolation voltage(rms) is 5.0kV.
CTR is 50% to 400% at input current of 5mA.

■ Features
1. 4-pin DIP package
2. Double transfer mold package (Ideal for Flow Soldering)
3. Current transfer ratio (CTR : MIN. 50% at IF=5 mA, VCE=5V)
4. Several CTR ranks available
5. Reinforced insulation type (Isolation distance : MIN. 0.4mm)
6. Long creepage distance type (wide lead-form type only : MIN. 8mm)
7. High isolation voltage between input and output (Viso(rms) : 5.0 kV)

■ Applications
1. I/O isolation for MCUs (Micro Controller Units)
2. Noise suppression in switching circuits
3. Signal transmission between circuits of different potentials and impedances
4. Over voltage detection




Similar Part No. - PC123

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC123 SHARP-PC123 Datasheet
714Kb / 15P
   DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC12310NFZ0F SHARP-PC12310NFZ0F Datasheet
491Kb / 16P
   DIP 4pin Reinforced Insulation Type, High CMR, Low Input Current Photocoupler
PC12310NFZ0X SHARP-PC12310NFZ0X Datasheet
585Kb / 17P
   PC1231xxFZ0X Series Photocoupler
PC12310NIP0F SHARP-PC12310NIP0F Datasheet
491Kb / 16P
   DIP 4pin Reinforced Insulation Type, High CMR, Low Input Current Photocoupler
PC12310NSZ SHARP-PC12310NSZ Datasheet
61Kb / 5P
   Low Input Current Type Long Creepage Distance Photocoupler
More results


Similar Description - PC123

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC512 SHARP-PC512 Datasheet
57Kb / 4P
   European Safety Standard Approved Long Creepage Distance Type Photocoupler
S12ME1 SHARP-S12ME1 Datasheet
66Kb / 5P
   European Safety Standard Approved, Long Creepage Distance Type Photothyristor Coupler
S21ME SHARP-S21ME Datasheet
82Kb / 5P
   European Safety Standard Approved, Long Creepage Distance Type Phototriac Couplers
PC121 SHARP-PC121 Datasheet
387Kb / 6P
   LONG CREEPAGE DISTANCE TYPE PHOTOCOUPLER
PC110L SHARP-PC110L Datasheet
98Kb / 6P
   Long Creepage Distance Type Photocoupler
PC12310NSZ SHARP-PC12310NSZ Datasheet
61Kb / 5P
   Low Input Current Type Long Creepage Distance Photocoupler
PC511 SHARP-PC511 Datasheet
257Kb / 4P
   Long Creepage Dlstance Type Photocoupler
PC905 SHARP-PC905 Datasheet
84Kb / 6P
   Long Creepage Distance Photocoupler with Built-in Voltage Detection Circuit
logo
Renesas Technology Corp
PS2581L1 RENESAS-PS2581L1_15 Datasheet
247Kb / 15P
   LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
California Eastern Labs
PS2581L1 CEL-PS2581L1 Datasheet
398Kb / 11P
   LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com