Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES1J Datasheet (PDF) - Diotec Semiconductor

ES1J Datasheet PDF - Diotec Semiconductor
Part # ES1J
Download  ES1J Download

File Size   102.68 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Superfast Efficient Surface Mount Rectifier Diodes

ES1J Datasheet (PDF)

Go To PDF Page Download Datasheet
ES1J Datasheet PDF - Diotec Semiconductor

Part # ES1J
Download  ES1J Click to download

File Size   102.68 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Superfast Efficient Surface Mount Rectifier Diodes

ES1J Datasheet (HTML) - Diotec Semiconductor

ES1J Datasheet HTML 1Page - Diotec Semiconductor ES1J Datasheet HTML 2Page - Diotec Semiconductor

ES1J Product details

Features
   Extremely low reverse recovery time
   Low forward voltage drop
   Compliant to RoHS, REACH,
   Conflict Minerals 1)

Typical Applications
   Rectification of higher frequencies
   High efficient switching stages
   Commercial grade
   Suffix -Q: AEC-Q101 compliant 1)
   Suffix -AQ: in AEC-Q101 qualification 1)

Mechanical Data 1)
   Taped and reeled 7500 / 13“
   Weight approx. 0.07 g
   Case material UL 94V-0
   Solder & assembly conditions 260°C/10s
                                                      MSL = 1




Similar Part No. - ES1J

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ES1J PANJIT-ES1J Datasheet
63Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Galaxy Semi-Conductor H...
ES1J BILIN-ES1J Datasheet
487Kb / 4P
   Super-Fast Rectifiers
logo
Shenzhen Jin Yu Semicon...
ES1J HTSEMI-ES1J Datasheet
436Kb / 3P
   1 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Bruckewell Technology L...
ES1J BWTECH-ES1J Datasheet
273Kb / 2P
   SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
logo
TAITRON Components Inco...
ES1J TAITRON-ES1J Datasheet
240Kb / 4P
   1.0A Surface Mount Super Fast Rectifier
More results


Similar Description - ES1J

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ES1A DIOTEC-ES1A_13 Datasheet
108Kb / 2P
   Superfast Efficient Surface Mount Rectifier Diodes
ES1A DIOTEC-ES1A_14 Datasheet
108Kb / 2P
   Superfast Efficient Surface Mount Rectifier Diodes
ES2A DIOTEC-ES2A_13 Datasheet
102Kb / 2P
   Superfast Efficient Surface Mount Rectifier Diodes
MURS320 DIOTEC-MURS320 Datasheet
125Kb / 2P
   Superfast Efficient Surface Mount Rectifier Diodes
ES2ASMA DIOTEC-ES2ASMA Datasheet
105Kb / 2P
   Superfast Efficient Surface Mount Rectifier Diodes
ES3A DIOTEC-ES3A_13 Datasheet
103Kb / 2P
   Superfast Efficient Surface Mount Silicon Rectifier Diodes
MUR860 DIOTEC-MUR860 Datasheet
176Kb / 2P
   Superfast Efficient Rectifier Diodes
UFT800A DIOTEC-UFT800A_17 Datasheet
168Kb / 2P
   Superfast Efficient Rectifier Diodes
MUR420L DIOTEC-MUR420L Datasheet
148Kb / 2P
   Superfast Efficient Rectifier Diodes
MUR420L DIOTEC-MUR420L_18 Datasheet
137Kb / 2P
   Superfast Efficient Rectifier Diodes
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com