Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S21MT2 Datasheet (PDF) - Sharp Corporation

S21MT2 Datasheet PDF - Sharp Corporation
Part # S21MT2
Download  S21MT2 Download

File Size   26.86 Kbytes
Page   2 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Compact 4-pin DIP Type Phototriac Coupler

S21MT2 Datasheet (PDF)

Go To PDF Page Download Datasheet
S21MT2 Datasheet PDF - Sharp Corporation

Part # S21MT2
Download  S21MT2 Click to download

File Size   26.86 Kbytes
Page   2 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Compact 4-pin DIP Type Phototriac Coupler

S21MT2 Datasheet (HTML) - Sharp Corporation

S21MT2 Datasheet HTML 1Page - Sharp Corporation S21MT2 Datasheet HTML 2Page - Sharp Corporation

S21MT2 Product details

■Features

1. Compact 4-pin DIP type (Package area : 2/3 of conventional model)

2. Popular type

3. Recognized by UL (No. E64380)



■Application

1. For SSR




Similar Part No. - S21MT2

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
S21M15A PETERMANN-S21M15A Datasheet
200Kb / 3P
   HIGH RELIABILITY FOR LOW COST NARROW BANDWITH
S21M7.5A PETERMANN-S21M7.5A Datasheet
200Kb / 3P
   HIGH RELIABILITY FOR LOW COST NARROW BANDWITH
logo
Sharp Corporation
S21MA01 SHARP-S21MA01 Datasheet
59Kb / 4P
   6-pin DIP Type SSR for Low Power Control
S21MD10T SHARP-S21MD10T Datasheet
48Kb / 4P
   High Speed, High Sensitivity Type Phototriac Coupler
S21MD3 SHARP-S21MD3 Datasheet
48Kb / 4P
   High Noise Resistance Type Phototriac Coupler
More results


Similar Description - S21MT2

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3SH11YFZ SHARP-PC3SH11YFZ Datasheet
304Kb / 15P
   VDRM : 600V, Reinforced insulation type Non-zero cross type DIP 4 pin Phototriac Coupler for triggering
PC3SD21YXZCF SHARP-PC3SD21YXZCF Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SF21YVZAF SHARP-PC3SF21YVZAF Datasheet
297Kb / 15P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21NTZCF SHARP-PC3SD21NTZCF Datasheet
979Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21NXZCF SHARP-PC3SD21NXZCF Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YXPDF SHARP-PC3SD21YXPDF Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YXPLF SHARP-PC3SD21YXPLF Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3ST21NSZBF SHARP-PC3ST21NSZBF Datasheet
308Kb / 15P
   DIP 4pin Phototriac Coupler for triggering
PC3SD21YTZD SHARP-PC3SD21YTZD Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YXZC SHARP-PC3SD21YXZC Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com