Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC156AC8 Datasheet (PDF) - Hittite Microwave Corporation

HMC156AC8 Datasheet PDF - Hittite Microwave Corporation
Part # HMC156AC8
Download  HMC156AC8 Download

File Size   306.18 Kbytes
Page   4 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 0.7 - 2.4 GHz INPUT

HMC156AC8 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC156AC8 Datasheet PDF - Hittite Microwave Corporation

Part # HMC156AC8
Download  HMC156AC8 Click to download

File Size   306.18 Kbytes
Page   4 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 0.7 - 2.4 GHz INPUT

HMC156AC8 Datasheet (HTML) - Hittite Microwave Corporation

HMC156AC8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC156AC8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC156AC8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC156AC8 Datasheet HTML 4Page - Hittite Microwave Corporation

HMC156AC8 Product details

General Description
the HMC156AC8 is a miniature frequency doubler in a non-hermetic ceramic surface mount package. suppression of undesired fundamental and higher order harmonics is 38 dB typical with respect to input signal levels. the doubler uses the same diode/balun technology used in Hittite MMiC mixers, features small size and requires no DC bias.

Features
    Conversion loss: 15 dB
    Fo, 3Fo, 4Fo isolation: 38 dB
    input Drive level: 10 to 20 dBm

Typical Applications
the HMC156AC8 is suitable for:
    • Wireless local loop
    • lMDs, VsAt, and point-to-point radios
    • uNii & HiperlAN
    • test equipment




Similar Part No. - HMC156AC8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC156A HITTITE-HMC156A Datasheet
263Kb / 4P
   GaAs MMIC PASSIVE FREQUENCY DOUBLER, 0.7 - 2.4 GHz INPUT
logo
Micross Components
HMC156A MICROSS-HMC156A Datasheet
770Kb / 7P
   Test Equipment
More results


Similar Description - HMC156AC8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC156C8 HITTITE-HMC156C8 Datasheet
133Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 0.7 - 2.4 GHz INPUT
HMC156C8 HITTITE-HMC156C8_06 Datasheet
173Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 0.7 - 2.4 GHz INPUT
HMC156 HITTITE-HMC156 Datasheet
83Kb / 4P
   GaAs MMIC PASSIVE FREQUENCY DOUBLER, 0.7 - 2.4 GHz INPUT
HMC156A HITTITE-HMC156A Datasheet
263Kb / 4P
   GaAs MMIC PASSIVE FREQUENCY DOUBLER, 0.7 - 2.4 GHz INPUT
HMC189MS8 HITTITE-HMC189MS8 Datasheet
145Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 2 - 4 GHz INPUT
HMC204C8 HITTITE-HMC204C8 Datasheet
201Kb / 6P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204C8 HITTITE-HMC204C8_06 Datasheet
261Kb / 6P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204MS8G HITTITE-HMC204MS8G_06 Datasheet
210Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC189AMS8 HITTITE-HMC189AMS8 Datasheet
401Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 2 - 4 GHz INPUT
HMC158C8 HITTITE-HMC158C8 Datasheet
1Mb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 1.3 - 4.0 GHz INPUT
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com