![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
2SD1023 - Darlington Transistor(5A NPN) - Shindengen Electric Mfg.Co.Ltd |
|
Click Here View 2SD1023 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| BSP52T1 | MEDIUM POWER NPN SILICON DARLINGTON TRANSISTOR SURFACE MOUNT | Motorola, Inc |
| NTE267 | Silicon NPN Transistor High Gain Darlington Power Amp Switch | NTE Electronics |
| NTE46 | Silicon NPN Transistor Darlington General Purpose Amplifier Preamp Driver | NTE Electronics |
| BSP52T1 | MEDIUM POWER NPN SILICON DARLINGTON TRANSISTOR SURFACE MOUNT | ON Semiconductor |
| FCX705 | 120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR | Zetex Semiconductors |
| 2N6427 | NPN Darlington Transistor | Fairchild Semiconductor |
| MPSA27 | EPITAXIAL PLANAR NPN TRANSISTOR DARLINGTON TRANSISTOR | KEC(Korea Electronics) |
| MPSA12 | NPN SILICON DARLINGTON TRANSISTOR | Micro Electronics |
| BU808DFH | HIGH VOLTAGE FAST-SWITCHING NPN POWER DARLINGTON TRANSISTOR | STMicroelectronics |
| JANTX2N6284 | NPN DARLINGTON POWER SILICON TRANSISTOR | Microsemi Corporation |
Link URL |
|
|
Related keyword |
| 2SD1023 Datasheet | 2SD1023 Cross Reference | 2SD1023 Schematic | 2SD1023 Distributor | 2SD1023 Datenblatt | 2SD1023 RoHS |
| 2SD1023 Equivalent | 2SD1023 Application Notes | 2SD1023 Data Sheet | 2SD1023 component | 2SD1023 Fiche Technique | 2SD1023 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |