![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
2SD1027 - Darlington Transistor(15A NPN) - Shindengen Electric Mfg.Co.Ltd |
|
Click Here View 2SD1027 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| NTE2340 | Silicon NPN Transistor Darlington Power Amp Switch | NTE Electronics |
| NTE2543 | Silicon NPN Transistor Darlington Motor/Relay Driver | NTE Electronics |
| NTE2638 | Silicon NPN Transistor Darlington | NTE Electronics |
| PZTA14 | NPN Darlington transistor | NXP Semiconductors |
| MMBTA14 | NPN DARLINGTON AMPLIFIER TRANSISTOR | Samsung semiconductor |
| 2N5307 | NPN Darlington Transistor | Fairchild Semiconductor |
| MMBT6427 | NPN SURFACE MOUNT DARLINGTON TRANSISTOR | Diodes Incorporated |
| MMBTA13 | EPITAXIAL PLANAR NPN TRANSISTOR GENERAL PURPOSE DARLINGTON TRANSISTOR | KEC(Korea Electronics) |
| MP4513 | TOSHIBA Power Transistor Module Silicon NPN Triple Diffused Type Darlington power transistor 4 in 1 | Toshiba Semiconductor |
| TN6725A=92PU45A | NPN Darlington Transistor | Fairchild Semiconductor |
Link URL |
|
|
Related keyword |
| 2SD1027 Datasheet | 2SD1027 Cross Reference | 2SD1027 Schematic | 2SD1027 Distributor | 2SD1027 Datenblatt | 2SD1027 RoHS |
| 2SD1027 Equivalent | 2SD1027 Application Notes | 2SD1027 Data Sheet | 2SD1027 component | 2SD1027 Fiche Technique | 2SD1027 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |