Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB944 Datasheet (PDF) - Inchange Semiconductor Company Limited

2SB944 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SB944
Download  2SB944 Download

File Size   252.78 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon PNP Power Transistor

2SB944 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB944 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SB944
Download  2SB944 Click to download

File Size   252.78 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon PNP Power Transistor

2SB944 Datasheet (HTML) - Inchange Semiconductor Company Limited

2SB944 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SB944 Datasheet HTML 2Page - Inchange Semiconductor Company Limited

2SB944 Product details

DESCRIPTION
• Low Collector Saturation Voltage : VCE(sat)= -0.5V(Max)@ |c=-3A
• Collector-Emitter Breakdown Voltage- : V(BR)CEO= -80V (Min)
• Good Linearity of hFE
• Complement to Type 2SD1269

APPLICATIONS
• Designed for power amplification.




Similar Part No. - 2SB944

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB944 PANASONIC-2SB944 Datasheet
55Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
2SB944 PANASONIC-2SB944 Datasheet
85Kb / 4P
   For Power Switching
logo
Savantic, Inc.
2SB944 SAVANTIC-2SB944 Datasheet
111Kb / 3P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB944 JMNIC-2SB944 Datasheet
165Kb / 3P
   Silicon PNP Power Transistors
logo
Savantic, Inc.
2SB944 SAVANTIC-2SB944 Datasheet
113Kb / 3P
   Silicon PNP Power Transistors
More results


Similar Description - 2SB944

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STD888 ISC-STD888 Datasheet
227Kb / 2P
   isc Silicon PNP Power Transistor
2SB1157-3PFA ISC-2SB1157-3PFA Datasheet
152Kb / 2P
   isc Silicon PNP Power Transistor
KTB1366 ISC-KTB1366 Datasheet
150Kb / 2P
   isc Silicon PNP Power Transistor
KSH210 ISC-KSH210 Datasheet
336Kb / 3P
   isc Silicon PNP Power Transistor
BUX78 ISC-BUX78 Datasheet
213Kb / 2P
   isc Silicon PNP Power Transistor
BDS18 ISC-BDS18 Datasheet
193Kb / 2P
   isc Silicon PNP Power Transistor
2N3197 ISC-2N3197 Datasheet
260Kb / 2P
   isc Silicon PNP Power Transistor
2SA1649 ISC-2SA1649 Datasheet
283Kb / 2P
   isc Silicon PNP Power Transistor
2SB538 ISC-2SB538 Datasheet
249Kb / 2P
   isc Silicon PNP Power Transistor
2SB724 ISC-2SB724 Datasheet
257Kb / 2P
   isc Silicon PNP Power Transistor
BD844 ISC-BD844_17 Datasheet
276Kb / 2P
   isc Silicon PNP Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com