Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LCX16652 Datasheet (PDF) - Motorola, Inc

MC74LCX16652 Datasheet PDF - Motorola, Inc
Part # MC74LCX16652
Download  MC74LCX16652 Download

File Size   172.09 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LOW-VOLTAGE CMOS 16-BIT TRANSCEIVER/ REGISTERED TRANSCEIVER WITH DUAL ENABLE

MC74LCX16652 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74LCX16652 Datasheet PDF - Motorola, Inc

Part # MC74LCX16652
Download  MC74LCX16652 Click to download

File Size   172.09 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LOW-VOLTAGE CMOS 16-BIT TRANSCEIVER/ REGISTERED TRANSCEIVER WITH DUAL ENABLE

MC74LCX16652 Datasheet (HTML) - Motorola, Inc

MC74LCX16652 Datasheet HTML 1Page - Motorola, Inc MC74LCX16652 Datasheet HTML 2Page - Motorola, Inc MC74LCX16652 Datasheet HTML 3Page - Motorola, Inc MC74LCX16652 Datasheet HTML 4Page - Motorola, Inc MC74LCX16652 Datasheet HTML 5Page - Motorola, Inc MC74LCX16652 Datasheet HTML 6Page - Motorola, Inc MC74LCX16652 Datasheet HTML 7Page - Motorola, Inc MC74LCX16652 Datasheet HTML 8Page - Motorola, Inc MC74LCX16652 Datasheet HTML 9Page - Motorola, Inc MC74LCX16652 Datasheet HTML 10Page - Motorola, Inc

MC74LCX16652 Product details

Low–Voltage CMOS 16–Bit Transceiver/Registered Transceiver With Dual Enable
With 5V0-Tolerant Inputs and Outputs (3-State, Non-Inverting)

The MC74LCX16652 is a high performance, non–inverting 16–bit transceiver/registered transceiver operating from a 2.7 to 3.6V supply. The device is byte controlled. Each byte has separate control inputs which can be tied together for full 16–bit operation. High impedance TTL compatible inputs significantly reduce current loading to input drivers while TTL compatible outputs offer improved switching noise performance. A VI specification of 5.5V allows MC74LCX16652 inputs to be safely driven from 5V devices. The MC74LCX16652 is suitable for memory address driving and all TTL level bus oriented transceiver applications.

• Designed for 2.7 to 3.6V VCC Operation
• 5.7ns Maximum tpd
• 5V Tolerant — Interface Capability With 5V TTL Logic
• Supports Live Insertion and Withdrawal
• IOFF Specification Guarantees High Impedance When VCC = 0V
• LVTTL Compatible
• LVCMOS Compatible
• 24mA Balanced Output Sink and Source Capability
• Near Zero Static Supply Current in All Three Logic States (20µA)
   Substantially Reduces System Power Requirements
• Latchup Performance Exceeds 500mA
• ESD Performance: Human Body Model >2000V; Machine Model >200V




Similar Part No. - MC74LCX16652

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX16646 MOTOROLA-MC74LCX16646 Datasheet
164Kb / 10P
   LOW-VOLTAGE CMOS 16-BIT TRANSCEIVER/ REGISTERED TRANSCEIVER
MC74LCX16646DT MOTOROLA-MC74LCX16646DT Datasheet
164Kb / 10P
   LOW-VOLTAGE CMOS 16-BIT TRANSCEIVER/ REGISTERED TRANSCEIVER
More results


Similar Description - MC74LCX16652

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LVQ652 MOTOROLA-MC74LVQ652 Datasheet
244Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER WITH DUAL ENABLE
MC74LCX652 MOTOROLA-MC74LCX652 Datasheet
177Kb / 9P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER WITH DUAL ENABLE
MC74LCX16646 MOTOROLA-MC74LCX16646 Datasheet
164Kb / 10P
   LOW-VOLTAGE CMOS 16-BIT TRANSCEIVER/ REGISTERED TRANSCEIVER
logo
ON Semiconductor
MC74LCX652 ONSEMI-MC74LCX652 Datasheet
177Kb / 9P
   LOW.VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER WITH DUAL ENABLE
1996 REV 1
74LCX16543 ONSEMI-74LCX16543 Datasheet
199Kb / 11P
   Low Voltage 16-Bit Registered Transceiver
Revised April 2001
logo
Toshiba Semiconductor
TC74VCXH16543FT TOSHIBA-TC74VCXH16543FT Datasheet
225Kb / 15P
   Low-Voltage 16-Bit Registered Transceiver with Bushold
TC74VCXHR162543FT TOSHIBA-TC74VCXHR162543FT Datasheet
233Kb / 15P
   Low-Voltage 16-Bit Registered Transceiver with Bushold
logo
Integrated Device Techn...
IDT74FCT16952AT IDT-IDT74FCT16952AT_18 Datasheet
90Kb / 7P
   FAST CMOS 16-BIT REGISTERED TRANSCEIVER
IDT74FCT163952A IDT-IDT74FCT163952A Datasheet
105Kb / 7P
   3.3V CMOS 16-BIT REGISTERED TRANSCEIVER
IDT74FCT16952AT IDT-IDT74FCT16952AT Datasheet
66Kb / 7P
   FAST CMOS 16-BIT REGISTERED TRANSCEIVER
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com