Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXA06T600 Datasheet (PDF) - Power Integrations, Inc.

LXA06T600 Datasheet PDF - Power Integrations, Inc.
Part # LXA06T600
Download  LXA06T600 Download

File Size   244.43 Kbytes
Page   8 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 600 V, 6 A X-Series PFC Diode

LXA06T600 Datasheet (PDF)

Go To PDF Page Download Datasheet
LXA06T600 Datasheet PDF - Power Integrations, Inc.

Part # LXA06T600
Download  LXA06T600 Click to download

File Size   244.43 Kbytes
Page   8 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 600 V, 6 A X-Series PFC Diode

LXA06T600 Datasheet (HTML) - Power Integrations, Inc.

LXA06T600 Datasheet HTML 1Page - Power Integrations, Inc. LXA06T600 Datasheet HTML 2Page - Power Integrations, Inc. LXA06T600 Datasheet HTML 3Page - Power Integrations, Inc. LXA06T600 Datasheet HTML 4Page - Power Integrations, Inc. LXA06T600 Datasheet HTML 5Page - Power Integrations, Inc. LXA06T600 Datasheet HTML 6Page - Power Integrations, Inc. LXA06T600 Datasheet HTML 7Page - Power Integrations, Inc. LXA06T600 Datasheet HTML 8Page - Power Integrations, Inc.

LXA06T600 Product details

General Description
This device has the lowest QRR of any 600V Silicon diode. Its recovery characteristics increase efficiency, reduce EMI and eliminate snubbers.

Features
• Low QRR, Low IRRM, Low tRR
• High dIF/dt capable (1000A/µs)
• Soft recovery

Benefits
• Increases efficiency
   • Eliminates need for snubber circuits
   • Reduces EMI filter component size & count
• Enables extremely fast switching

Applications
• Power Factor Correction (PFC) Boost Diode
• Motor drive circuits
• DC-AC Inverters




Similar Part No. - LXA06T600

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LXA06T600 POWERINT-LXA06T600 Datasheet
315Kb / 8P
   600 V, 6 A X-Series PFC Diode
November 2013
LXA06T600 POWERINT-LXA06T600_V01 Datasheet
315Kb / 8P
   600 V, 6 A X-Series PFC Diode
November 2013
More results


Similar Description - LXA06T600

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LXA06T600 POWERINT-LXA06T600_V01 Datasheet
315Kb / 8P
   600 V, 6 A X-Series PFC Diode
November 2013
LXA03T600 POWERINT-LXA03T600 Datasheet
218Kb / 8P
   600 V, 3 A X-Series PFC Diode
LXA08T600 POWERINT-LXA08T600 Datasheet
246Kb / 10P
   600 V, 8 A X-Series PFC Diode
LXA04T600 POWERINT-LXA04T600_V01 Datasheet
277Kb / 8P
   600 V, 4 A X-Series PFC Diode
LXA20T600 POWERINT-LXA20T600_V01 Datasheet
355Kb / 7P
   600 V, 20 A X-Series PFC Diode
June 2015
LXA15T600 POWERINT-LXA15T600 Datasheet
123Kb / 7P
   600 V, 15 A X-Series PFC Diode
LXA20T600 POWERINT-LXA20T600 Datasheet
116Kb / 7P
   600 V, 20 A X-Series PFC Diode
LXA10T600 POWERINT-LXA10T600 Datasheet
158Kb / 9P
   600 V, 10 A X-Series PFC Diode
LXA03T600 POWERINT-LXA03T600_V01 Datasheet
288Kb / 8P
   600 V, 3 A X-Series PFC Diode
November 2013
LXA08T600 POWERINT-LXA08T600_V01 Datasheet
490Kb / 8P
   600 V, 8 A X-Series PFC Diode
January 2016
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com