Electronic Components Datasheet Search |
|
S20VTA60 Datasheet (PDF) - Shindengen Electric Mfg.Co.Ltd |
S20VTA60 Datasheet (PDF) |
Download Datasheet |
Part # | S20VTA60 |
Download | S20VTA60 Click to download |
File Size | 275.04 Kbytes |
Page | 5 Pages |
Manufacturer | SHINDENGEN [Shindengen Electric Mfg.Co.Ltd] |
Direct Link | http://www.shindengen.co.jp/ |
Logo | |
Description | 3 Phase Bridge Diode(600V 20A) |
S20VTA60 Datasheet (HTML) - Shindengen Electric Mfg.Co.Ltd |
S20VTA60 Product details |
|
Similar Part No. - S20VTA60 |
|
Similar Description - S20VTA60 |
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |