Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG2735A Datasheet (PDF) - Vishay Siliconix

DG2735A Datasheet PDF - Vishay Siliconix
Part # DG2735A
Download  DG2735A Download

File Size   186.34 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Voltage, 0.6ohm, Dual SPDT Analog Switch

DG2735A Datasheet (PDF)

Go To PDF Page Download Datasheet
DG2735A Datasheet PDF - Vishay Siliconix

Part # DG2735A
Download  DG2735A Click to download

File Size   186.34 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Voltage, 0.6ohm, Dual SPDT Analog Switch

DG2735A Datasheet (HTML) - Vishay Siliconix

DG2735A Datasheet HTML 1Page - Vishay Siliconix DG2735A Datasheet HTML 2Page - Vishay Siliconix DG2735A Datasheet HTML 3Page - Vishay Siliconix DG2735A Datasheet HTML 4Page - Vishay Siliconix DG2735A Datasheet HTML 5Page - Vishay Siliconix DG2735A Datasheet HTML 6Page - Vishay Siliconix DG2735A Datasheet HTML 7Page - Vishay Siliconix DG2735A Datasheet HTML 8Page - Vishay Siliconix DG2735A Datasheet HTML 9Page - Vishay Siliconix

DG2735A Product details

DESCRIPTION
The DG2735A is low voltage, low on-resistance, dual singlepole/double-throw (SPDT) monolithic CMOS analog switches designed for high performance switching of analog signals. Combining low-power, high speed, low on-resistance, and small package size, the DG2735A is ideal for portable and battery power applications.

FEATURES
• Low voltage operation (1.65 V to 4.3 V)
• Low on-resistance - RON: 0.6 Ω at 2.7 V
• Fast switching: tON = 64 ns at 2.7 V tOFF = 42 ns at 2.7 V
• Latch-up current > 300 mA (JESD78)
• Halogen-free according to IEC 61249-2-21
• Compliant to RoHS directive 2002/95/EC

BENEFITS
• Reduced power consumption
• High accuracy
• Reduce board space
• TTL/1.65 V logic compatible

APPLICATIONS
• Cellular phones
• Speaker headset switching
• Audio and video signal routing
• PCMCIA cards
• Battery operated systems
• Portable media player handheld test instruments




Similar Part No. - DG2735A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2735A VISHAY-DG2735A Datasheet
175Kb / 10P
   Low Voltage, 0.6 ?? Dual SPDT Analog Switch
08-Feb-17
DG2735ADN-T1-GE4 VISHAY-DG2735ADN-T1-GE4 Datasheet
175Kb / 10P
   Low Voltage, 0.6 ?? Dual SPDT Analog Switch
08-Feb-17
DG2735A VISHAY-DG2735A_V01 Datasheet
175Kb / 10P
   Low Voltage, 0.6 ?? Dual SPDT Analog Switch
08-Feb-17
More results


Similar Description - DG2735A

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1746 AMSCO-AS1746 Datasheet
360Kb / 2P
   0.5/0.6ohm, Low-Voltage, Dual SPDT Analog Switch
logo
Union Semiconductor, In...
UM3258 UNIONSEMI-UM3258_16 Datasheet
370Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
UM3258 UNIONSEMI-UM3258 Datasheet
434Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
UM3257 UNIONSEMI-UM3257 Datasheet
406Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
logo
ON Semiconductor
FSA2269 ONSEMI-FSA2269 Datasheet
779Kb / 16P
   Low-Voltage Dual-SPDT Analog Switch
July 2013 Rev. 1.1.5
logo
Union Semiconductor, In...
UM3257 UNIONSEMI-UM3257_16 Datasheet
368Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS2750 ONSEMI-NLAS2750_15 Datasheet
112Kb / 8P
   Low Voltage Dual SPDT Analog Switch
April, 2015 ??Rev. 3
FSA2267 ONSEMI-FSA2267 Datasheet
738Kb / 16P
   Low-Voltage Dual-SPDT Analog Switch
March 2012 Rev. 1.0.5
FSA2258 ONSEMI-FSA2258 Datasheet
645Kb / 12P
   Low-Voltage, Dual-SPDT Analog Switch
February 2012 Rev. 1.0.5
FSA2259 ONSEMI-FSA2259 Datasheet
205Kb / 11P
   Low-Voltage,Dual-SPDT Analog Switch
October-2017, Rev. 2
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com