Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDW52 Datasheet (PDF) - Inchange Semiconductor Company Limited

BDW52 Datasheet PDF - Inchange Semiconductor Company Limited
Part # BDW52
Download  BDW52 Download

File Size   230.26 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon PNP Power Transistor

BDW52 Datasheet (PDF)

Go To PDF Page Download Datasheet
BDW52 Datasheet PDF - Inchange Semiconductor Company Limited

Part # BDW52
Download  BDW52 Click to download

File Size   230.26 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon PNP Power Transistor

BDW52 Datasheet (HTML) - Inchange Semiconductor Company Limited

BDW52 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDW52 Datasheet HTML 2Page - Inchange Semiconductor Company Limited

BDW52 Product details

DESCRIPTION
·Collector Current -IC= -15A
·Collector-Emitter Sustaining Voltage :
VCEO(SUS) = -45V(Min)- BDW52; -60V(Min)- BDW52A
                        -80V(Min)- BDW52B; -100V(Min)- BDW52C
·Complement to Type BDW51/A/B/C

APPLICATIONS
·Designed for use in power linear and switching applications.




Similar Part No. - BDW52

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BDW52 SEME-LAB-BDW52 Datasheet
11Kb / 1P
   Bipolar PNP Device
logo
Central Semiconductor C...
BDW52 CENTRAL-BDW52 Datasheet
53Kb / 1P
   Power Transistors
logo
New Jersey Semi-Conduct...
BDW52 NJSEMI-BDW52 Datasheet
136Kb / 2P
   Silicon PNP Power Transistor
logo
Seme LAB
BDW52A SEME-LAB-BDW52A Datasheet
12Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
logo
Central Semiconductor C...
BDW52A CENTRAL-BDW52A Datasheet
53Kb / 1P
   Power Transistors
More results


Similar Description - BDW52

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STD888 ISC-STD888 Datasheet
227Kb / 2P
   isc Silicon PNP Power Transistor
2SB1157-3PFA ISC-2SB1157-3PFA Datasheet
152Kb / 2P
   isc Silicon PNP Power Transistor
KTB1366 ISC-KTB1366 Datasheet
150Kb / 2P
   isc Silicon PNP Power Transistor
KSH210 ISC-KSH210 Datasheet
336Kb / 3P
   isc Silicon PNP Power Transistor
BUX78 ISC-BUX78 Datasheet
213Kb / 2P
   isc Silicon PNP Power Transistor
BDS18 ISC-BDS18 Datasheet
193Kb / 2P
   isc Silicon PNP Power Transistor
2N3197 ISC-2N3197 Datasheet
260Kb / 2P
   isc Silicon PNP Power Transistor
2SA1649 ISC-2SA1649 Datasheet
283Kb / 2P
   isc Silicon PNP Power Transistor
2SB538 ISC-2SB538 Datasheet
249Kb / 2P
   isc Silicon PNP Power Transistor
2SB724 ISC-2SB724 Datasheet
257Kb / 2P
   isc Silicon PNP Power Transistor
BD844 ISC-BD844_17 Datasheet
276Kb / 2P
   isc Silicon PNP Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com