Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDW52C Datasheet (PDF) - Inchange Semiconductor Company Limited

BDW52C Datasheet PDF - Inchange Semiconductor Company Limited
Part # BDW52C
Download  BDW52C Download

File Size   129.54 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon PNP Power Transistors

BDW52C Datasheet (PDF)

Go To PDF Page Download Datasheet
BDW52C Datasheet PDF - Inchange Semiconductor Company Limited

Part # BDW52C
Download  BDW52C Click to download

File Size   129.54 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon PNP Power Transistors

BDW52C Datasheet (HTML) - Inchange Semiconductor Company Limited

BDW52C Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDW52C Datasheet HTML 2Page - Inchange Semiconductor Company Limited BDW52C Datasheet HTML 3Page - Inchange Semiconductor Company Limited

BDW52C Product details

DESCRIPTION
·Collector Current -IC= -15A
·Collector-Emitter Sustaining Voltage :
VCEO(SUS) = -45V(Min)- BDW52; -60V(Min)- BDW52A
                        -80V(Min)- BDW52B; -100V(Min)- BDW52C
·Complement to Type BDW51/A/B/C

APPLICATIONS
·Designed for use in power linear and switching applications.




Similar Part No. - BDW52C

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BDW52C CENTRAL-BDW52C Datasheet
53Kb / 1P
   Power Transistors
logo
Savantic, Inc.
BDW52C SAVANTIC-BDW52C Datasheet
110Kb / 3P
   Silicon PNP Power Transistors
logo
Seme LAB
BDW52C SEME-LAB-BDW52C Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3
logo
Inchange Semiconductor ...
BDW52C ISC-BDW52C Datasheet
230Kb / 2P
   isc Silicon PNP Power Transistor
logo
Savantic, Inc.
BDW52C SAVANTIC-BDW52C Datasheet
112Kb / 3P
   Silicon PNP Power Transistors
More results


Similar Description - BDW52C

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com