Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GT100NA120UX Datasheet (PDF) - Vishay Siliconix

GT100NA120UX Datasheet PDF - Vishay Siliconix
Part # GT100NA120UX
Download  GT100NA120UX Download

File Size   177.11 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description "High Side Chopper" IGBT SOT-227 (Trench IGBT), 100 A

GT100NA120UX Datasheet (PDF)

Go To PDF Page Download Datasheet
GT100NA120UX Datasheet PDF - Vishay Siliconix

Part # GT100NA120UX
Download  GT100NA120UX Click to download

File Size   177.11 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description "High Side Chopper" IGBT SOT-227 (Trench IGBT), 100 A

GT100NA120UX Datasheet (HTML) - Vishay Siliconix

GT100NA120UX Datasheet HTML 1Page - Vishay Siliconix GT100NA120UX Datasheet HTML 2Page - Vishay Siliconix GT100NA120UX Datasheet HTML 3Page - Vishay Siliconix GT100NA120UX Datasheet HTML 4Page - Vishay Siliconix GT100NA120UX Datasheet HTML 5Page - Vishay Siliconix GT100NA120UX Datasheet HTML 6Page - Vishay Siliconix GT100NA120UX Datasheet HTML 7Page - Vishay Siliconix GT100NA120UX Datasheet HTML 8Page - Vishay Siliconix GT100NA120UX Datasheet HTML 9Page - Vishay Siliconix GT100NA120UX Datasheet HTML 10Page - Vishay Siliconix

GT100NA120UX Product details

FEATURES
• Trench IGBT technology
• Very low VCE(on)
• Square RBSOA
• HEXFRED® clamping diode
• 10 μs short circuit capability
• Fully isolated package
• Very low internal inductance (≤ 5 nH typical)
• Industry standard outline
• UL approved file E78996
• Material categorization: for definitions of compliance please see www.vishay.com/doc?99912

BENEFITS
• Designed for increased operating efficiency in power conversion: UPS, SMPS, welding, induction heating
• Easy to assemble and parallel
• Direct mounting on heatsink
• Plug-in compatible with other SOT-227 packages
• Low EMI, requires less snubbing




Similar Part No. - GT100NA120UX

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GT100DA120U VISHAY-GT100DA120U Datasheet
177Kb / 10P
   Insulated Gate Bipolar Transistor (Trench IGBT), 100 A
Revision: 22-Jul-10
GT100DA120U VISHAY-GT100DA120U Datasheet
176Kb / 10P
   Insulated Gate Bipolar Transistor (Trench IGBT), 100 A
02-Oct-12
GT100DA60U VISHAY-GT100DA60U Datasheet
175Kb / 10P
   Insulated Gate Bipolar Transistor (Trench IGBT), 100 A
Revision: 22-Jul-10
GT100DA60U VISHAY-GT100DA60U Datasheet
178Kb / 10P
   Insulated Gate Bipolar Transistor (Trench IGBT), 100 A
02-Oct-12
GT100DA60U VISHAY-GT100DA60U_V01 Datasheet
178Kb / 10P
   Insulated Gate Bipolar Transistor (Trench IGBT), 100 A
02-Oct-12
More results






About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com