Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LVX14 Datasheet (PDF) - Motorola, Inc

MC74LVX14 Datasheet PDF - Motorola, Inc
Part # MC74LVX14
Download  MC74LVX14 Download

File Size   139.75 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LOW-VOLTAGE CMOS

MC74LVX14 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74LVX14 Datasheet PDF - Motorola, Inc

Part # MC74LVX14
Download  MC74LVX14 Click to download

File Size   139.75 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LOW-VOLTAGE CMOS

MC74LVX14 Datasheet (HTML) - Motorola, Inc

MC74LVX14 Datasheet HTML 1Page - Motorola, Inc MC74LVX14 Datasheet HTML 2Page - Motorola, Inc MC74LVX14 Datasheet HTML 3Page - Motorola, Inc MC74LVX14 Datasheet HTML 4Page - Motorola, Inc MC74LVX14 Datasheet HTML 5Page - Motorola, Inc MC74LVX14 Datasheet HTML 6Page - Motorola, Inc

MC74LVX14 Product details

The MC74LVX14 is an advanced high speed CMOS Schmitt inverter. The inputs tolerate voltages up to 7V, allowing the interface of 5V systems to 3V systems.
The MC74LVX14 is pin and functionally compatible to the MC74LVX04, but the inputs have hysteresis and, with its Schmitt trigger function, can be used as a line receiver which will receive slow input signals.

• High Speed: tPD = 6.8ns (Typ) at VCC = 3.3V
• Low Power Dissipation: ICC = 2µA (Max) at TA = 25°C
• Power Down Protection Provided on Inputs
• Balanced Propagation Delays
• Low Noise: VOLP = 0.5V (Max)
• Pin and Function Compatible with Other Standard Logic Families
• Latchup Performance Exceeds 300mA
• ESD Performance: HBM > 2000V; Machine Model > 200V




Similar Part No. - MC74LVX14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX14 ONSEMI-MC74LVX14 Datasheet
139Kb / 6P
   LOW-VOLTAGE CMOS
REV 0
MC74LVX14 ONSEMI-MC74LVX14 Datasheet
86Kb / 6P
   Hex Schmitt Inverter With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 4
MC74LVX14 ONSEMI-MC74LVX14 Datasheet
114Kb / 6P
   Hex Schmitt Inverter
August, 2014 ??Rev. 7
MC74LVX14D ONSEMI-MC74LVX14D Datasheet
139Kb / 6P
   LOW-VOLTAGE CMOS
REV 0
MC74LVX14DR2 ONSEMI-MC74LVX14DR2 Datasheet
86Kb / 6P
   Hex Schmitt Inverter With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 4
More results


Similar Description - MC74LVX14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX14 ONSEMI-MC74LVX14 Datasheet
139Kb / 6P
   LOW-VOLTAGE CMOS
REV 0
MC74LVX32 ONSEMI-MC74LVX32 Datasheet
132Kb / 5P
   LOW-VOLTAGE CMOS
REV 0
logo
Motorola, Inc
MC74LVX574 MOTOROLA-MC74LVX574 Datasheet
147Kb / 8P
   LOW-VOLTAGE CMOS
MC74LVX373 MOTOROLA-MC74LVX373 Datasheet
168Kb / 7P
   LOW-VOLTAGE CMOS
logo
Analog Devices
ADG741 AD-ADG741_15 Datasheet
315Kb / 12P
   CMOS Low Voltage
REV. A
ADG722 AD-ADG722_15 Datasheet
274Kb / 16P
   CMOS, Low Voltage
Rev. E
logo
Motorola, Inc
MC74LVX125 MOTOROLA-MC74LVX125 Datasheet
147Kb / 6P
   LOW-VOLTAGE CMOS
MC74LVX245 MOTOROLA-MC74LVX245 Datasheet
163Kb / 7P
   LOW-VOLTAGE CMOS
MC74LVXC3245 MOTOROLA-MC74LVXC3245 Datasheet
139Kb / 9P
   LOW-VOLTAGE CMOS
logo
ON Semiconductor
MC74LVX08 ONSEMI-MC74LVX08 Datasheet
133Kb / 5P
   LOW-VOLTAGE CMOS
REV 0
logo
Analog Devices
ADG736L AD-ADG736L_15 Datasheet
269Kb / 12P
   CMOS Low Voltage
REV. 0
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com