Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDSG3150 Datasheet (PDF) - Vishay Siliconix

TDSG3150 Datasheet PDF - Vishay Siliconix
Part # TDSG3150
Download  TDSG3150 Download

File Size   163.38 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard 7-Segment Display 10 mm

TDSG3150 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDSG3150 Datasheet PDF - Vishay Siliconix

Part # TDSG3150
Download  TDSG3150 Click to download

File Size   163.38 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard 7-Segment Display 10 mm

TDSG3150 Datasheet (HTML) - Vishay Siliconix

Back Button TDSG3150 Datasheet HTML 1Page - Vishay Siliconix TDSG3150 Datasheet HTML 2Page - Vishay Siliconix TDSG3150 Datasheet HTML 3Page - Vishay Siliconix TDSG3150 Datasheet HTML 4Page - Vishay Siliconix TDSG3150 Datasheet HTML 5Page - Vishay Siliconix TDSG3150 Datasheet HTML 6Page - Vishay Siliconix TDSG3150 Datasheet HTML 7Page - Vishay Siliconix TDSG3150 Datasheet HTML 8Page - Vishay Siliconix TDSG3150 Datasheet HTML 9Page - Vishay Siliconix TDSG3150 Datasheet HTML 10Page - Vishay Siliconix Next Button 

TDSG3150 Product details

DESCRIPTION
The TDS.31.. series are 10 mm character seven segment LED displays in a very compact package.
The displays are designed for a viewing distance up to 6 m and available in four bright colors. The grey package surface and the evenly lighted untinted segments provide an optimum on-off contrast.
All displays are categorized in luminous intensity groups.
That allows users to assemble displays with uniform appearance. Typical applications include instruments, panel meters, point-of-sale terminals and household equipment.

FEATURES
• Evenly lighted segments
• Grey package surface
• Untinted segments
• Luminous intensity categorized
• Yellow and green categorized for color
• Wide viewing angle
• Suitable for DC and high peak current
• Material categorization: for definitions of compliance
   please see www.vishay.com/doc?99912

APPLICATIONS
• Panel meters
• Test- and measure-equipment
• Point-of-sale terminals
• Control units




Similar Part No. - TDSG3150

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSG3150 VISHAY-TDSG3150 Datasheet
129Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
TDSG3150 VISHAY-TDSG3150 Datasheet
127Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
TDSG3150 VISHAY-TDSG3150 Datasheet
128Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2023
TDSG3150-M VISHAY-TDSG3150-M Datasheet
127Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
TDSG3150-M VISHAY-TDSG3150-M Datasheet
128Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2023
More results


Similar Description - TDSG3150

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSY3150 VISHAY-TDSY3150_V01 Datasheet
129Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
TDSG3150 VISHAY-TDSG3150_V02 Datasheet
128Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2023
TDSG3150-M VISHAY-TDSG3150-M Datasheet
127Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
VDMR10.0 VISHAY-VDMR10.0 Datasheet
284Kb / 8P
   Standard 7-Segment SMD Display 10 mm
Rev. 1.2, 29-Nov-13
VDMR10A1 VISHAY-VDMR10A1 Datasheet
232Kb / 8P
   Standard 7-Segment SMD Display 10 mm
Rev. 1.0, 13-May-13
VDMG10A1 VISHAY-VDMG10A1_V01 Datasheet
266Kb / 8P
   Standard 7-Segment SMD Display 10 mm
01-Jan-2022
VDMR10A1 VISHAY-VDMR10A1_V02 Datasheet
265Kb / 8P
   Standard 7-Segment SMD Display 10 mm
01-Jan-2023
VDMG10.0 VISHAY-VDMG10.0_V01 Datasheet
283Kb / 8P
   Standard 7-Segment SMD Display 10 mm
01-Jan-2022
VDMR10.0 VISHAY-VDMR10.0_V02 Datasheet
282Kb / 8P
   Standard 7-Segment SMD Display 10 mm
01-Jan-2023
TDSO1150 VISHAY-TDSO1150 Datasheet
163Kb / 8P
   Standard 7- Segment Display 7 mm
Rev. 1.4, 31-Aug-04
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com