Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDSL1160 Datasheet (PDF) - Vishay Siliconix

TDSL1160 Datasheet PDF - Vishay Siliconix
Part # TDSL1160
Download  TDSL1160 Download

File Size   155.75 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Current 7 mm Seven Segment Display

TDSL1160 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDSL1160 Datasheet PDF - Vishay Siliconix

Part # TDSL1160
Download  TDSL1160 Click to download

File Size   155.75 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Current 7 mm Seven Segment Display

TDSL1160 Datasheet (HTML) - Vishay Siliconix

TDSL1160 Datasheet HTML 1Page - Vishay Siliconix TDSL1160 Datasheet HTML 2Page - Vishay Siliconix TDSL1160 Datasheet HTML 3Page - Vishay Siliconix TDSL1160 Datasheet HTML 4Page - Vishay Siliconix TDSL1160 Datasheet HTML 5Page - Vishay Siliconix TDSL1160 Datasheet HTML 6Page - Vishay Siliconix TDSL1160 Datasheet HTML 7Page - Vishay Siliconix TDSL1160 Datasheet HTML 8Page - Vishay Siliconix TDSL1160 Datasheet HTML 9Page - Vishay Siliconix



Similar Part No. - TDSL1160

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSL1160 VISHAY-TDSL1160 Datasheet
169Kb / 6P
   Low Current 7 mm Seven Segment Display
Rev. 1.4, 31-Aug-04
TDSL1160 VISHAY-TDSL1160 Datasheet
152Kb / 9P
   Low Current 7 mm 7-Segment Display
01-Jan-2022
TDSL1160 VISHAY-TDSL1160 Datasheet
151Kb / 9P
   Low Current 7 mm 7-Segment Display
01-Jan-2023
More results


Similar Description - TDSL1160

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSL1150 VISHAY-TDSL1150 Datasheet
169Kb / 6P
   Low Current 7 mm Seven Segment Display
Rev. 1.4, 31-Aug-04
TDSR115 VISHAY-TDSR115 Datasheet
126Kb / 9P
   7 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSL3150 VISHAY-TDSL3150 Datasheet
74Kb / 6P
   Low Current 10 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSL5150 VISHAY-TDSL5150 Datasheet
76Kb / 7P
   Low Current 13 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSL51.0 VISHAY-TDSL51.0 Datasheet
108Kb / 6P
   Low Current 13 mm Seven Segment Display
Rev. A2, 05-Oct-00
TDSL5150 VISHAY-TDSL5150_11 Datasheet
144Kb / 9P
   Low Current 13 mm Seven-Segment Display
Rev. 1.5, 26-Jul-11
TDSL3150 VISHAY-TDSL3150_10 Datasheet
145Kb / 9P
   Low Current 10 mm Seven Segment Display
Rev. 1.4, 22-Jan-10
TDSL11 VISHAY-TDSL11_V01 Datasheet
152Kb / 9P
   Low Current 7 mm 7-Segment Display
01-Jan-2022
TDSL1150 VISHAY-TDSL1150_V01 Datasheet
151Kb / 9P
   Low Current 7 mm 7-Segment Display
01-Jan-2023
TDSL5150 VISHAY-TDSL5150_V01 Datasheet
141Kb / 9P
   Low Current 13 mm 7-Segment Display
01-Jan-2023
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com