Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDSY5160 Datasheet (PDF) - Vishay Siliconix

TDSY5160 Datasheet PDF - Vishay Siliconix
Part # TDSY5160
Download  TDSY5160 Download

File Size   163.5 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard 7-Segment Display 13 mm

TDSY5160 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDSY5160 Datasheet PDF - Vishay Siliconix

Part # TDSY5160
Download  TDSY5160 Click to download

File Size   163.5 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard 7-Segment Display 13 mm

TDSY5160 Datasheet (HTML) - Vishay Siliconix

Back Button TDSY5160 Datasheet HTML 1Page - Vishay Siliconix TDSY5160 Datasheet HTML 2Page - Vishay Siliconix TDSY5160 Datasheet HTML 3Page - Vishay Siliconix TDSY5160 Datasheet HTML 4Page - Vishay Siliconix TDSY5160 Datasheet HTML 5Page - Vishay Siliconix TDSY5160 Datasheet HTML 6Page - Vishay Siliconix TDSY5160 Datasheet HTML 7Page - Vishay Siliconix TDSY5160 Datasheet HTML 8Page - Vishay Siliconix TDSY5160 Datasheet HTML 9Page - Vishay Siliconix TDSY5160 Datasheet HTML 10Page - Vishay Siliconix Next Button 



Similar Part No. - TDSY5160

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSY5160 VISHAY-TDSY5160 Datasheet
225Kb / 9P
   Standard 7- Segment Display 13 mm
Rev. 1.5, 31-Aug-04
More results


Similar Description - TDSY5160

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSG5150 VISHAY-TDSG5150_V01 Datasheet
158Kb / 12P
   Standard 7-Segment Display 13 mm
01-Jan-2023
TDSG5150 VISHAY-TDSG5150 Datasheet
225Kb / 9P
   Standard 7- Segment Display 13 mm
Rev. 1.5, 31-Aug-04
TDSR515 VISHAY-TDSR515_00 Datasheet
149Kb / 9P
   Standard 7- Segment Display 13 mm
Rev. A2, 05-Oct-00
TDSG51 VISHAY-TDSG51_V01 Datasheet
170Kb / 12P
   Standard 7-Segment Display 13 mm DESCRIPTION The
01-Jan-2022
TDSO1150 VISHAY-TDSO1150 Datasheet
163Kb / 8P
   Standard 7- Segment Display 7 mm
Rev. 1.4, 31-Aug-04
TDSG1150 VISHAY-TDSG1150_10 Datasheet
159Kb / 12P
   Standard 7-Segment Display 7 mm
Rev. 1.7, 30-Jun-10
TDSY1150 VISHAY-TDSY1150_V01 Datasheet
167Kb / 12P
   Standard 7-Segment Display 7 mm
01-Jan-2022
TDSG1150 VISHAY-TDSG1150_V02 Datasheet
167Kb / 12P
   Standard 7-Segment Display 7 mm
01-Jan-2023
TDSL5150 VISHAY-TDSL5150_V01 Datasheet
141Kb / 9P
   Low Current 13 mm 7-Segment Display
01-Jan-2023
TDSG3150 VISHAY-TDSG3150 Datasheet
163Kb / 12P
   Standard 7-Segment Display 10 mm
Rev. 1.6, 23-May-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com