Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSKCS401-045 Datasheet (PDF) - Vishay Siliconix

VSKCS401-045 Datasheet PDF - Vishay Siliconix
Part # VSKCS401-045
Download  VSKCS401-045 Download

File Size   143.91 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 400 A

VSKCS401-045 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSKCS401-045 Datasheet PDF - Vishay Siliconix

Part # VSKCS401-045
Download  VSKCS401-045 Click to download

File Size   143.91 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 400 A

VSKCS401-045 Datasheet (HTML) - Vishay Siliconix

VSKCS401-045 Datasheet HTML 1Page - Vishay Siliconix VSKCS401-045 Datasheet HTML 2Page - Vishay Siliconix VSKCS401-045 Datasheet HTML 3Page - Vishay Siliconix VSKCS401-045 Datasheet HTML 4Page - Vishay Siliconix VSKCS401-045 Datasheet HTML 5Page - Vishay Siliconix VSKCS401-045 Datasheet HTML 6Page - Vishay Siliconix VSKCS401-045 Datasheet HTML 7Page - Vishay Siliconix



Similar Part No. - VSKCS401-045

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKCS401 VISHAY-VSKCS401 Datasheet
157Kb / 6P
   Schottky Rectifier, 200 A
Revision: 24-Apr-08
VSKCS401/045P VISHAY-VSKCS401/045P Datasheet
157Kb / 6P
   Schottky Rectifier, 200 A
Revision: 24-Apr-08
More results


Similar Description - VSKCS401-045

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKCS403 VISHAY-VSKCS403_09 Datasheet
144Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 400 A
Revision: 05-Aug-09
VSKCS408 VISHAY-VSKCS408_11 Datasheet
129Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 400 A
Revision: 09-Mar-11
VSKCS400 VISHAY-VSKCS400_11 Datasheet
131Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 400 A
Revision: 09-Mar-11
VSKCS220 VISHAY-VSKCS220_11 Datasheet
129Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 220 A
Revision: 09-Mar-11
VSKDS203 VISHAY-VSKDS203_10 Datasheet
174Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 100 A
Revision: 04-May-10
VSKDS403 VISHAY-VSKDS403_09 Datasheet
143Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
Revision: 05-Aug-09
VSKCS203 VISHAY-VSKCS203_10 Datasheet
188Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
Revision: 07-Apr-10
VSKDS400 VISHAY-VSKDS400_11 Datasheet
131Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
Revision: 09-Mar-11
VSKJS440 VISHAY-VSKJS440_11 Datasheet
128Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 440 A
Revision: 09-Mar-11
VSKDS401 VISHAY-VSKDS401_09 Datasheet
143Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
Revision: 05-Aug-09
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com