Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM5403W Datasheet (PDF) - Analog Devices

ADUM5403W Datasheet PDF - Analog Devices
Part # ADUM5403W
Download  ADUM5403W Download

File Size   452.65 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad-Channel Isolators with Integrated DC-to-DC Converter

ADUM5403W Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM5403W Datasheet PDF - Analog Devices

Part # ADUM5403W
Download  ADUM5403W Click to download

File Size   452.65 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad-Channel Isolators with Integrated DC-to-DC Converter

ADUM5403W Datasheet (HTML) - Analog Devices

Back Button ADUM5403W Datasheet HTML 1Page - Analog Devices ADUM5403W Datasheet HTML 2Page - Analog Devices ADUM5403W Datasheet HTML 3Page - Analog Devices ADUM5403W Datasheet HTML 4Page - Analog Devices ADUM5403W Datasheet HTML 5Page - Analog Devices ADUM5403W Datasheet HTML 6Page - Analog Devices ADUM5403W Datasheet HTML 7Page - Analog Devices ADUM5403W Datasheet HTML 8Page - Analog Devices ADUM5403W Datasheet HTML 9Page - Analog Devices ADUM5403W Datasheet HTML 10Page - Analog Devices Next Button 

ADUM5403W Product details

GENERAL DESCRIPTION
The ADuM5401W/ADuM5402W/ADuM5403W1 devices are quad-channel digital isolators with isoPower®, an integrated, isolated dc-to-dc converter. Based on the Analog Devices, Inc., iCoupler® technology, the dc-to-dc converter provides up to 500 mW of regulated, isolated power at 5.0 V (see Table 1). These devices eliminate the need for a separate, isolated dc-todc converter in low power, isolated designs. The iCoupler chip scale transformer technology is used to isolate the logic signals and for the magnetic components of the dc-to-dc converter. The result is a small form factor, total isolation solution.

FEATURES
   isoPower integrated, isolated dc-to-dc converter
   Qualified for automotive applications
   Regulated 5 V or 3.3 V output
   Up to 500 mW output power
   Quad dc-to-25 Mbps (NRZ) signal isolation channels
   16-lead SOIC package with 7.6 mm creepage
   High temperature operation: 105°C
   High common-mode transient immunity: >25 kV/µs
   Safety and regulatory approvals
      UL recognition: 2500 V rms for 1 minute per UL 1577
      CSA Component Acceptance Notice #5A
      VDE certificate of conformity
         DIN EN 69747-5-2 (VDE 0884 Teil 2):2003-1
         VIORM = 565 V peak

APPLICATIONS
   Hybrid electric battery management




Similar Part No. - ADUM5403W

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5403WCRWZ AD-ADUM5403WCRWZ Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM5403WCRWZ-1 AD-ADUM5403WCRWZ-1 Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
More results


Similar Description - ADUM5403W

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5401WCRWZ AD-ADUM5401WCRWZ Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM6420A AD-ADUM6420A Datasheet
533Kb / 26P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
ADUM5401 AD-ADUM5401 Datasheet
587Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5401WCRWZ-1 AD-ADUM5401WCRWZ-1 Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM6400 AD-ADUM6400 Datasheet
593Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM6420A AD-ADUM6420A_V01 Datasheet
732Kb / 31P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5404ARWZ-RL AD-ADUM5404ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6400 AD-ADUM6400_V01 Datasheet
470Kb / 28P
   Quad-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5401_VB AD-ADUM5401_VB Datasheet
481Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5401ARWZ-RL AD-ADUM5401ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com