Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES1EL Datasheet (PDF) - Rugao Dachang Electronics Co., Ltd

ES1EL Datasheet PDF - Rugao Dachang Electronics Co., Ltd
Part # ES1EL
Download  ES1EL Download

File Size   131.99 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 1.0 A

ES1EL Datasheet (PDF)

Go To PDF Page Download Datasheet
ES1EL Datasheet PDF - Rugao Dachang Electronics Co., Ltd

Part # ES1EL
Download  ES1EL Click to download

File Size   131.99 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 1.0 A

ES1EL Datasheet (HTML) - Rugao Dachang Electronics Co., Ltd

ES1EL Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd ES1EL Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd

ES1EL Product details

Reverse Voltage 50 to 600 V Forward Current 1.0 A



Features

• Low reverse leakage

• High forward surge capability

• High temperature soldering guaranteed: 260℃/10 seconds at terminals

• Lead and body according with RoHS standard



 




Similar Part No. - ES1EL

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
ES1EL DACHANG-ES1EL Datasheet
131Kb / 2P
   Surface Mount Super Fast Recover Rectifiers
logo
Microdiode Electronics ...
ES1EL CHENDA-ES1EL Datasheet
586Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
SUNMATE electronic Co.,...
ES1EL SUNMATE-ES1EL Datasheet
320Kb / 2P
   SUFACE MOUNT SUPER FAST RECTIFIER DIODE
logo
GUANGDONG HOTTECH INDUS...
ES1EL HOTTECH-ES1EL Datasheet
168Kb / 3P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Gaomi Xinghe Electronic...
ES1ELEE GXELECTRONICS-ES1ELEE Datasheet
354Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
More results


Similar Description - ES1EL

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
ES1A DACHANG-ES1A Datasheet
122Kb / 2P
   Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 1.0 A
ES3A DACHANG-ES3A Datasheet
119Kb / 2P
   Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 3.0 A
ES2A DACHANG-ES2A Datasheet
120Kb / 2P
   Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 2.0 A
RS1AL DACHANG-RS1AL Datasheet
129Kb / 2P
   Surface Mount Fast Recover Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
RS1A DACHANG-RS1A Datasheet
119Kb / 2P
   Surface Mount Fast Recover Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
logo
GOOD-ARK Electronics
ES1A GOOD-ARK-ES1A Datasheet
170Kb / 2P
   Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
ES1A GOOD-ARK-ES1A_15 Datasheet
170Kb / 2P
   Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
logo
Rugao Dachang Electroni...
RS3A DACHANG-RS3A Datasheet
118Kb / 2P
   Surface Mount Fast Recover Rectifier Reverse Voltage 50 to 1000 V Forward Current 3.0 A
logo
First Silicon Co., Ltd
ES2A FS-ES2A Datasheet
202Kb / 2P
   Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 600 Volts Forward Current 2.0 Amperes
logo
GOOD-ARK Electronics
1N4933 GOOD-ARK-1N4933_15 Datasheet
200Kb / 2P
   Fast Recovery Rectifiers Reverse Voltage 50 to 600 Volts Forward Current 1.0 Ampere
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com