Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBU10A Datasheet (PDF) - Rugao Dachang Electronics Co., Ltd

GBU10A Datasheet PDF - Rugao Dachang Electronics Co., Ltd
Part # GBU10A
Download  GBU10A Download

File Size   155.85 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 10 A

GBU10A Datasheet (PDF)

Go To PDF Page Download Datasheet
GBU10A Datasheet PDF - Rugao Dachang Electronics Co., Ltd

Part # GBU10A
Download  GBU10A Click to download

File Size   155.85 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 10 A

GBU10A Datasheet (HTML) - Rugao Dachang Electronics Co., Ltd

GBU10A Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd GBU10A Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd

GBU10A Product details

Reverse Voltage 50 to 1000V

Forward Current 10 A



 Features

·Low reverse leakage

· High forward surge capability

·Surge overload rating: 150 Amperes peak

·Lead and body according with RoHS standard



Mechanical Data

·Case: Molded Plastic

·Polarity: Symbols molded or marked on body

·Mounting Position: Any

·Mounting torque: Recommend 0.3 N*m




Similar Part No. - GBU10A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBU10A PANJIT-GBU10A Datasheet
72Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
logo
GeneSiC Semiconductor, ...
GBU10A GENESIC-GBU10A Datasheet
344Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
GBU10A GENESIC-GBU10A Datasheet
973Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
logo
Pan Jit International I...
GBU10A PANJIT-GBU10A Datasheet
40Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Rugao Dachang Electroni...
GBU10A DACHANG-GBU10A Datasheet
155Kb / 2P
   Single-phase Silicon Bridge Rectifier
More results


Similar Description - GBU10A

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
GBU4A DACHANG-GBU4A Datasheet
155Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 4 A
GBU8A DACHANG-GBU8A Datasheet
155Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 8 A
GBU6A DACHANG-GBU6A Datasheet
155Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 6 A
DB101 DACHANG-DB101 Datasheet
131Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0 A
DB151 DACHANG-DB151 Datasheet
131Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 1.5 A
KBJ10A DACHANG-KBJ10A Datasheet
135Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000V Forward Current 10 A
logo
ASEMI TECHNOLOGY., LTD
GBJ1010 ASEMI-GBJ1010 Datasheet
129Kb / 2P
   10 A Single-Phase Silicon Bridge Rectifier Rectifier Reverse Voltage 50 to 1000V
logo
Rugao Dachang Electroni...
KBJ8A DACHANG-KBJ8A Datasheet
210Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000V Forward Current 8 A
KBJ4A DACHANG-KBJ4A Datasheet
135Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000V Forward Current 4 A
logo
AiT Semiconductor Inc.
DB201S AITSEMI-DB201S Datasheet
533Kb / 5P
   BRIDGE RECTIFIER REVERSE VOLTAGE 50 TO 1000V FORWARD CURRENT 2.0 A
REV1.0
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com