Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER601 Datasheet (PDF) - Rugao Dachang Electronics Co., Ltd

HER601 Datasheet PDF - Rugao Dachang Electronics Co., Ltd
Part # HER601
Download  HER601 Download

File Size   139.7 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 6.0A

HER601 Datasheet (PDF)

Go To PDF Page Download Datasheet
HER601 Datasheet PDF - Rugao Dachang Electronics Co., Ltd

Part # HER601
Download  HER601 Click to download

File Size   139.7 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 6.0A

HER601 Datasheet (HTML) - Rugao Dachang Electronics Co., Ltd

HER601 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd HER601 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd

HER601 Product details

Reverse Voltage 50 to 1000V

Forward Current 6.0A



Features

• Low reverse leakage

• High forward surge capability

• High temperature soldering guaranteed: 260℃/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension

• Lead and body according with RoHS standard



 




Similar Part No. - HER601

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
HER601 YFWDIODE-HER601 Datasheet
286Kb / 2P
   6.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
Won-Top Electronics
HER601 WTE-HER601 Datasheet
48Kb / 3P
   6.0A HIGH EFFICIENCY RECTIFIER
logo
Yangzhou yangjie electr...
HER601 YANGJIE-HER601 Datasheet
754Kb / 2P
   6.0 AMPS. HIGH EFFICIENT RECTIFIERS
logo
Nanjing International G...
HER601 DGNJDZ-HER601 Datasheet
309Kb / 2P
   6.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Shenzhen Luguang Electr...
HER601 LUGUANG-HER601 Datasheet
290Kb / 2P
   High Efficiency Rectifiers
More results


Similar Description - HER601

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
SF61 DACHANG-SF61 Datasheet
121Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 6.0A
HER251G DACHANG-HER251G Datasheet
120Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.5A
HER101 DACHANG-HER101 Datasheet
121Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
HER151G DACHANG-HER151G Datasheet
160Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.5A
HER101G DACHANG-HER101G Datasheet
171Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
HER201 DACHANG-HER201 Datasheet
120Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
HER301 DACHANG-HER301 Datasheet
120Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
HER151 DACHANG-HER151 Datasheet
159Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.5A
HER251 DACHANG-HER251 Datasheet
119Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.5A
HER201G DACHANG-HER201G Datasheet
120Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com