Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR2010CT Datasheet (PDF) - Rugao Dachang Electronics Co., Ltd

MUR2010CT Datasheet PDF - Rugao Dachang Electronics Co., Ltd
Part # MUR2010CT
Download  MUR2010CT Download

File Size   138.11 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Plastic Ultra-Fast Recover Rectifier Reverse Voltage 100 to 600 V Forward Current 20 A

MUR2010CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MUR2010CT Datasheet PDF - Rugao Dachang Electronics Co., Ltd

Part # MUR2010CT
Download  MUR2010CT Click to download

File Size   138.11 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Plastic Ultra-Fast Recover Rectifier Reverse Voltage 100 to 600 V Forward Current 20 A

MUR2010CT Datasheet (HTML) - Rugao Dachang Electronics Co., Ltd

MUR2010CT Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd MUR2010CT Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd

MUR2010CT Product details

Reverse Voltage 100 to 600 V

Forward Current 20 A



Features

Low Power LossHigh Efficiency

Low Forward Voltage Drop

High Current Capability

Lead and body according with RoHS standard




Similar Part No. - MUR2010CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MUR2010CT MCC-MUR2010CT Datasheet
644Kb / 2P
   20 Amp Super Fast Glass Passivated Rectifier 100 to 200 Volts
logo
Shanghai Lunsure Electr...
MUR2010CT CHENYI-MUR2010CT Datasheet
625Kb / 2P
   20Amp super fast glass passivated rectifier 100to200volts
logo
Rugao Dachang Electroni...
MUR2010CT DACHANG-MUR2010CT Datasheet
138Kb / 2P
   Plastic Ultra-Fast Recover Rectifier
logo
Kersemi Electronic Co.,...
MUR2010CT KERSEMI-MUR2010CT Datasheet
1Mb / 2P
   Glass passivated chip
logo
DIYI Electronic Technol...
MUR2010CT DYELEC-MUR2010CT Datasheet
898Kb / 3P
   Low power loss, high efficiency
More results


Similar Description - MUR2010CT

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
MUR2010 DACHANG-MUR2010 Datasheet
149Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 100 to 600 V Forward Current 20 A
DUFF20A60CT DACHANG-DUFF20A60CT Datasheet
139Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 600 V Forward Current 20 A
DFR20A20CT DACHANG-DFR20A20CT Datasheet
137Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 200 to 600 V Forward Current 20 A
DFRF20A20CT DACHANG-DFRF20A20CT Datasheet
126Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 200 to 600 V Forward Current 20 A
SFAF502G DACHANG-SFAF502G Datasheet
147Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 100 to 600 V Forward Current 5.0 A
MUR1010CT DACHANG-MUR1010CT Datasheet
136Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 100 to 600 V Forward Current 10 A
MUR1610CT DACHANG-MUR1610CT Datasheet
136Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 100 to 600 V Forward Current 16 A
MUR810 DACHANG-MUR810 Datasheet
149Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 100 to 600 V Forward Current 8.0 A
MUR1010 DACHANG-MUR1010 Datasheet
149Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 100 to 600 V Forward Current 10 A
MUR810CT DACHANG-MUR810CT Datasheet
136Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 100 to 600 V Forward Current 8.0 A
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com