Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

932S203YGLXT Datasheet (PDF) - Integrated Device Technology

932S203YGLXT Datasheet PDF - Integrated Device Technology
Part # 932S203YGLXT
Download  932S203YGLXT Download

File Size   248.9 Kbytes
Page   18 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Frequency Generator with 133MHz Differential CPU Clocks

932S203YGLXT Datasheet (PDF)

Go To PDF Page Download Datasheet
932S203YGLXT Datasheet PDF - Integrated Device Technology

Part # 932S203YGLXT
Download  932S203YGLXT Click to download

File Size   248.9 Kbytes
Page   18 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Frequency Generator with 133MHz Differential CPU Clocks

932S203YGLXT Datasheet (HTML) - Integrated Device Technology

Back Button 932S203YGLXT Datasheet HTML 1Page - Integrated Device Technology 932S203YGLXT Datasheet HTML 2Page - Integrated Device Technology 932S203YGLXT Datasheet HTML 3Page - Integrated Device Technology 932S203YGLXT Datasheet HTML 4Page - Integrated Device Technology 932S203YGLXT Datasheet HTML 5Page - Integrated Device Technology 932S203YGLXT Datasheet HTML 6Page - Integrated Device Technology 932S203YGLXT Datasheet HTML 7Page - Integrated Device Technology 932S203YGLXT Datasheet HTML 8Page - Integrated Device Technology 932S203YGLXT Datasheet HTML 9Page - Integrated Device Technology 932S203YGLXT Datasheet HTML 10Page - Integrated Device Technology Next Button 

932S203YGLXT Product details

Output Features:
• 4 Differential CPU Clock Pairs @ 3.3V
• 7 PCI (3.3V) @ 33.3MHz
• 3 PCI_F (3.3V) @ 33.3MHz
• 1 USB (3.3V) @ 48MHz
• 1 DOT (3.3V) @ 48MHz
• 1 REF (3.3V) @ 14.318MHz
• 1 3V66 (3.3V) @ 66.6MHz
• 1 VCH/3V66 (3.3V) @ 48MHz or 66.6MHz
• 3 66MHz_OUT/3V66 (3.3V) @ 66.6MHz_IN or 66.6MHz
• 1 66MHz_IN/3V66 (3.3V) @ Input/66MHz

Features:
• Supports spread spectrum modulation, down spread 0 to -0.5%.
• Efficient power management scheme through PD# and PCI_STOP#.
• Uses external 14.318MHz crystal
• Stop clocks and functional control available through SMBus interface.

Key Specifications:
• CPU Output Jitter <150ps
• 3V66 Output Jitter <250ps
• CPU Output Skew <150ps

Recommended Application:
Servers based on Intel CK408 processors




Similar Part No. - 932S203YGLXT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
932S203YGLXT RENESAS-932S203YGLXT Datasheet
624Kb / 19P
   Frequency Generator with 133MHz Differential CPU Clocks
01/26/10
More results


Similar Description - 932S203YGLXT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS932S203 RENESAS-ICS932S203 Datasheet
624Kb / 19P
   Frequency Generator with 133MHz Differential CPU Clocks
01/26/10
logo
Integrated Circuit Syst...
ICS932S203 ICST-ICS932S203 Datasheet
252Kb / 17P
   Frequency Generator with 133MHz Differential CPU Clocks
ICS950805 ICST-ICS950805 Datasheet
148Kb / 20P
   Frequency Generator with 200MHz Differential CPU Clocks
ICS950812 ICST-ICS950812 Datasheet
225Kb / 29P
   Frequency Generator with 200MHz Differential CPU Clocks
ICS950813 ICST-ICS950813 Datasheet
253Kb / 22P
   Frequency Generator with 200MHz Differential CPU Clocks
ICS950811 ICST-ICS950811 Datasheet
290Kb / 18P
   Frequency Generator with 200MHz Differential CPU Clocks
ICS950810 ICST-ICS950810 Datasheet
167Kb / 19P
   Frequency Generator with 200MHz Differential CPU Clocks
logo
Renesas Technology Corp
ICS950805 RENESAS-ICS950805 Datasheet
185Kb / 20P
   Frequency Generator with 200MHz Differential CPU Clocks
02/25/05
ICS950818 RENESAS-ICS950818 Datasheet
1Mb / 20P
   Frequency Generator with 200MHz Differential CPU Clocks
2019
logo
Integrated Circuit Syst...
ICS9250-38 ICST-ICS9250-38 Datasheet
136Kb / 18P
   Frequency Generator with 200MHz Differential CPU Clocks
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com