Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N1188A Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

1N1188A Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 1N1188A
Download  1N1188A Download

File Size   147.41 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description STUD MOUNTED POWER RECTIFIERS

1N1188A Datasheet (PDF)

Go To PDF Page Download Datasheet
1N1188A Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 1N1188A
Download  1N1188A Click to download

File Size   147.41 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description STUD MOUNTED POWER RECTIFIERS

1N1188A Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.

1N1188A Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.

1N1188A Product details

Silicon Power Rectifier

• Glass Passivated Die
• 800A surge rating
• Glass to metal construction
• VRRM to 1000V




Similar Part No. - 1N1188A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N1188A MICROSEMI-1N1188A Datasheet
128Kb / 2P
   Silicon Power Rectifier
logo
GeneSiC Semiconductor, ...
1N1188A GENESIC-1N1188A Datasheet
798Kb / 3P
   Silicon Standard Recovery Diode
logo
International Rectifier
1N1188A IRF-1N1188A Datasheet
377Kb / 5P
   35,40,and 60 Amp Power Silicon Rectifier Diodes
logo
GeneSiC Semiconductor, ...
1N1188A GENESIC-1N1188A Datasheet
798Kb / 3P
   Silicon Standard Recovery Diode
logo
Vishay Siliconix
1N1188A VISHAY-1N1188A Datasheet
274Kb / 6P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 04-Dec-12
More results


Similar Description - 1N1188A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N2024 ETC2-1N2024 Datasheet
49Kb / 1P
   STUD MOUNTED SIKCON POWER RECTIFIERS
logo
New Jersey Semi-Conduct...
1N3889 NJSEMI-1N3889 Datasheet
137Kb / 1P
   STUD MOUNTED FAST RECOVERY POWER RECTIFIERS
logo
List of Unclassifed Man...
ACK-10 ETC1-ACK-10 Datasheet
1Mb / 3P
   Stud-mounted fuses
logo
Eaton All Rights Reserv...
ACK-10 EATON-ACK-10 Datasheet
1Mb / 3P
   Stud-mounted fuses
logo
List of Unclassifed Man...
ALS-100 ETC1-ALS-100 Datasheet
244Kb / 2P
   Stud-mounted fuses one-time
logo
First Components Intern...
100UR05 FCI-100UR05 Datasheet
202Kb / 1P
   100 Amps Power Rectifiers Metal Stud
logo
Littelfuse
CCK1-15A LITTELFUSE-CCK1-15A Datasheet
102Kb / 1P
   Fork-Lift and Stud-Mounted Fuses
logo
New Jersey Semi-Conduct...
1N253 NJSEMI-1N253 Datasheet
176Kb / 2P
   STUD BASE RECTIFIERS
logo
International Rectifier
1N3208 IRF-1N3208 Datasheet
93Kb / 4P
   15 Amp Stud-mounted Silicon Rectifier Diodes
logo
Vishay Siliconix
1N3208 VISHAY-1N3208 Datasheet
80Kb / 4P
   Stud-Mounted Silicon Rectifier Diodes, 15 A
Revision: 24-Jun-08
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com