Electronic Components Datasheet Search |
|
1N3191 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc. |
1N3191 Datasheet (PDF) |
Download Datasheet |
Part # | 1N3191 |
Download | 1N3191 Click to download |
File Size | 90.57 Kbytes |
Page | 1 Pages |
Manufacturer | NJSEMI [New Jersey Semi-Conductor Products, Inc.] |
Direct Link | http://www.njsemi.com |
Logo | |
Description | Si Rectifiers, 500mA < I(O)/I(F) s 1A |
1N3191 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc. |
1N3191 Product details |
|
Similar Part No. - 1N3191 |
|
Similar Description - 1N3191 |
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |