Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5565 Datasheet (PDF) - Analog Devices

ADL5565 Datasheet PDF - Analog Devices
Part # ADL5565
Download  ADL5565 Download

File Size   1465.42 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 6 GHz Ultrahigh Dynamic Range Differential Amplifier

ADL5565 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5565 Datasheet PDF - Analog Devices

Part # ADL5565
Download  ADL5565 Click to download

File Size   1465.42 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 6 GHz Ultrahigh Dynamic Range Differential Amplifier

ADL5565 Datasheet (HTML) - Analog Devices

Back Button ADL5565 Datasheet HTML 1Page - Analog Devices ADL5565 Datasheet HTML 2Page - Analog Devices ADL5565 Datasheet HTML 3Page - Analog Devices ADL5565 Datasheet HTML 4Page - Analog Devices ADL5565 Datasheet HTML 5Page - Analog Devices ADL5565 Datasheet HTML 6Page - Analog Devices ADL5565 Datasheet HTML 7Page - Analog Devices ADL5565 Datasheet HTML 8Page - Analog Devices ADL5565 Datasheet HTML 9Page - Analog Devices ADL5565 Datasheet HTML 10Page - Analog Devices Next Button 

ADL5565 Product details

GENERAL DESCRIPTION
The ADL5565 is a high performance differential amplifier optimized for RF and IF applications. The amplifier offers low noise of 1.5 nV/√Hz and excellent distortion performance over a wide frequency range making it an ideal driver for high speed 8-bit to 16-bit analog-to-digital converters (ADCs).

FEATURES
   3 dB bandwidth of 6 GHz (AV = 6 dB)
   Pin strappable gain adjust: 6 dB, 12 dB, and 15.5 dB
   Gain range from 0 dB to 15.5 dB using two external resistors
   Differential or single-ended input to differential output
   Low noise input stage: NF = 8.7 dB at 15.5 dB gain
   Low broadband distortion (AV = 6 dB)
      10 MHz: −107 dBc (HD2), −110 dBc (HD3)
      100 MHz: −108 dBc (HD2), −103 dBc (HD3)
      200 MHz: −82 dBc (HD2), −87 dBc (HD3)
      500 MHz: −68 dBc (HD2), −63 dBc (HD3)
   IMD3 of −112 dBc at 100 MHz center
   Slew rate: 11 V/ns
   Fast settling and overdrive recovery of 2 ns
   Single-supply operation: 2.8 V to 5.2 V
   Power down
   Fabricated using the high speed XFCB3 SiGe process

APPLICATIONS
   Differential ADC drivers
   Single-ended-to-differential conversion
   RF/IF gain blocks
   SAW filter interfacing




Similar Part No. - ADL5565

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5565 AD-ADL5565 Datasheet
842Kb / 28P
   6 GHz Ultrahigh Dynamic Range
REV. B
ADL5565 AD-ADL5565 Datasheet
158Kb / 5P
   High Performance 65 MHz Bandwidth Quad IF Receiver with Antialiasing Filter and 184.32 MSPS Sampling Rate
REV. B
ADL5565 AD-ADL5565 Datasheet
301Kb / 6P
   Resonant Approach to Designing a Band-Pass Filter for Narrow-Band, High IF, 16-Bit, 250 MSPS Receiver Front End
REV. 0
ADL5565 AD-ADL5565 Datasheet
176Kb / 5P
   High IF Sampling Receiver Front End with Band-Pass Filter
REV. 0
ADL5565 AD-ADL5565 Datasheet
961Kb / 29P
   6 GHz Ultrahigh Dynamic Range Differential Amplifier
REV. D
More results


Similar Description - ADL5565

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5565 AD-ADL5565_13 Datasheet
961Kb / 29P
   6 GHz Ultrahigh Dynamic Range Differential Amplifier
REV. D
ADL5565 AD-ADL5565_17 Datasheet
893Kb / 29P
   6 GHz Ultrahigh Dynamic Range Differential Amplifier
ADL5569 AD-ADL5569 Datasheet
618Kb / 16P
   6.0 GHz, Ultrahigh Dynamic Range, Differential Amplifier
ADL5569 AD-ADL5569_V01 Datasheet
653Kb / 23P
   6.5 GHz, Ultrahigh Dynamic Range, Differential Amplifier
Rev. C
ADL5567 AD-ADL5567 Datasheet
888Kb / 24P
   4.3 GHz, Ultrahigh Dynamic Range, Dual Differential Amplifier
ADL5566 AD-ADL5566 Datasheet
885Kb / 24P
   4.5 GHz Ultrahigh Dynamic Range, Dual Differential Amplifier
ADL5565 AD-ADL5565_12 Datasheet
842Kb / 28P
   6 GHz Ultrahigh Dynamic Range
REV. B
logo
Mimix Broadband
XB1012-QT MIMIX-XB1012-QT Datasheet
177Kb / 6P
   0.25-6 GHz High Dynamic Range Driver Amplifier
CMM6004-AH MIMIX-CMM6004-AH_08 Datasheet
255Kb / 6P
   0.25-6.0 GHz High Dynamic Range Amplifier
CMM6004-SC MIMIX-CMM6004-SC Datasheet
273Kb / 10P
   0.25-3.0 GHz High Dynamic Range Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com