Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIA78R015FP Datasheet (PDF) - KEC(Korea Electronics)

KIA78R015FP Datasheet PDF - KEC(Korea Electronics)
Part # KIA78R015FP
Download  KIA78R015FP Download

File Size   499.79 Kbytes
Page   8 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description BIPOLAR LINEAR INTEGRATED CIRCUIT

KIA78R015FP Datasheet (PDF)

Go To PDF Page Download Datasheet
KIA78R015FP Datasheet PDF - KEC(Korea Electronics)

Part # KIA78R015FP
Download  KIA78R015FP Click to download

File Size   499.79 Kbytes
Page   8 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description BIPOLAR LINEAR INTEGRATED CIRCUIT

KIA78R015FP Datasheet (HTML) - KEC(Korea Electronics)

KIA78R015FP Datasheet HTML 1Page - KEC(Korea Electronics) KIA78R015FP Datasheet HTML 2Page - KEC(Korea Electronics) KIA78R015FP Datasheet HTML 3Page - KEC(Korea Electronics) KIA78R015FP Datasheet HTML 4Page - KEC(Korea Electronics) KIA78R015FP Datasheet HTML 5Page - KEC(Korea Electronics) KIA78R015FP Datasheet HTML 6Page - KEC(Korea Electronics) KIA78R015FP Datasheet HTML 7Page - KEC(Korea Electronics) KIA78R015FP Datasheet HTML 8Page - KEC(Korea Electronics)

KIA78R015FP Product details

4 ,5 TERMINAL LOW DROP VOLTAGE REGULATOR

[Low Quiescent Current-Type]



The KIA78RXXXFP Series are Low Dropout Voltage Regulator suitable for various electronic equipments.

The Regulator has multi function such as over current protection, overheat protection.



FEATURES

1.0A Output Low Drop Voltage Regulator.

Built in ON/OFF Control Terminal. (Active High)

Built in Over Current Protection, Over Heat Protection Function.

Low Quiescent Current (Output OFF mode) : 0.5A(Typ.)

Low Standby Current : 800A(Typ.)

 




Similar Part No. - KIA78R015FP

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA78R015F KEC-KIA78R015F Datasheet
108Kb / 10P
   SEMICONDUCTOR TECHNICAL DATA
KIA78R015F/PI KEC-KIA78R015F/PI Datasheet
103Kb / 10P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78R015F/PI KEC-KIA78R015F/PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
More results


Similar Description - KIA78R015FP

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com