Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC284 Datasheet (PDF) - Semtech Corporation

SC284 Datasheet PDF - Semtech Corporation
Part # SC284
Download  SC284 Download

File Size   1869.24 Kbytes
Page   20 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Dual Channel 2.5MHz, 1.8A Synchronous Step-Down Regulator

SC284 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC284 Datasheet PDF - Semtech Corporation

Part # SC284
Download  SC284 Click to download

File Size   1869.24 Kbytes
Page   20 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Dual Channel 2.5MHz, 1.8A Synchronous Step-Down Regulator

SC284 Datasheet (HTML) - Semtech Corporation

Back Button SC284 Datasheet HTML 1Page - Semtech Corporation SC284 Datasheet HTML 2Page - Semtech Corporation SC284 Datasheet HTML 3Page - Semtech Corporation SC284 Datasheet HTML 4Page - Semtech Corporation SC284 Datasheet HTML 5Page - Semtech Corporation SC284 Datasheet HTML 6Page - Semtech Corporation SC284 Datasheet HTML 7Page - Semtech Corporation SC284 Datasheet HTML 8Page - Semtech Corporation SC284 Datasheet HTML 9Page - Semtech Corporation SC284 Datasheet HTML 10Page - Semtech Corporation Next Button 



Similar Part No. - SC284

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC284AQ SEMTECH-SC284AQ Datasheet
1Mb / 23P
   Dual Channel 2.5MHz, 1.7A Synchronous Buck Regulator
SC284P SEMTECH-SC284P Datasheet
2Mb / 22P
   Dual Channel 2.5MHz, 2.0A Synchronous Buck with Automatic Power Save
SC284PEVB SEMTECH-SC284PEVB Datasheet
2Mb / 22P
   Dual Channel 2.5MHz, 2.0A Synchronous Buck with Automatic Power Save
SC284PULTRC SEMTECH-SC284PULTRC Datasheet
2Mb / 22P
   Dual Channel 2.5MHz, 2.0A Synchronous Buck with Automatic Power Save
More results


Similar Description - SC284

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC283 SEMTECH-SC283 Datasheet
1Mb / 20P
   Dual Channel 2.5MHz, 1.8A Synchronous Step-Down Regulator
SC183C SEMTECH-SC183C Datasheet
1Mb / 20P
   2.5MHz, 2A Synchronous Step-Down Regulator
logo
Semicoa Semiconductor
SC189ASK.TRT SEMICOA-SC189ASK.TRT Datasheet
1Mb / 24P
   2.5MHz, 1.5A Synchronous Step Down Regulator
logo
Semtech Corporation
SC189 SEMTECH-SC189 Datasheet
1Mb / 23P
   2.5MHz, 1.5A Synchronous Step Down Regulator
logo
Exar Corporation
XRP6670 EXAR-XRP6670 Datasheet
3Mb / 13P
   3A 300kHz-2.5MHz Synchronous Step Down Regulator
logo
Microsemi Corporation
LX1918 MICROSEMI-LX1918 Datasheet
243Kb / 9P
   1.8A Step-Down Synchronous Converter
logo
Semtech Corporation
SC4626CSKTRT SEMTECH-SC4626CSKTRT Datasheet
1,018Kb / 22P
   2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5
SC4626ASKTRT SEMTECH-SC4626ASKTRT Datasheet
1,018Kb / 22P
   2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5
SC4626 SEMTECH-SC4626 Datasheet
1Mb / 21P
   2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5
SC286 SEMTECH-SC286 Datasheet
1Mb / 20P
   Dual Channel 4A Synchronous Step-Down Regulator
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com