Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX7538BF-AA Datasheet (PDF) - Renesas Technology Corp

NX7538BF-AA Datasheet PDF - Renesas Technology Corp
Part # NX7538BF-AA
Download  NX7538BF-AA Download

File Size   186.16 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION

NX7538BF-AA Datasheet (PDF)

Go To PDF Page Download Datasheet
NX7538BF-AA Datasheet PDF - Renesas Technology Corp

Part # NX7538BF-AA
Download  NX7538BF-AA Click to download

File Size   186.16 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION

NX7538BF-AA Datasheet (HTML) - Renesas Technology Corp

NX7538BF-AA Datasheet HTML 1Page - Renesas Technology Corp NX7538BF-AA Datasheet HTML 2Page - Renesas Technology Corp NX7538BF-AA Datasheet HTML 3Page - Renesas Technology Corp NX7538BF-AA Datasheet HTML 4Page - Renesas Technology Corp NX7538BF-AA Datasheet HTML 5Page - Renesas Technology Corp NX7538BF-AA Datasheet HTML 6Page - Renesas Technology Corp NX7538BF-AA Datasheet HTML 7Page - Renesas Technology Corp NX7538BF-AA Datasheet HTML 8Page - Renesas Technology Corp NX7538BF-AA Datasheet HTML 9Page - Renesas Technology Corp

NX7538BF-AA Product details

DESCRIPTION
The NX7538BF-AA is a 1 550 nm Multiple Quantum Well (MQW) structured Fabry-Perot (FP) laser diode coaxial module with single mode fiber. This module is specified to operate under pulsed condition and designed for light source of Optical Time Domain Reflectometer (OTDR).

FEATURES
• High output power Pf = 80 mW @ IFP = 400 mA*1
• Long wavelength λC = 1 550 nm

*1 Pulse Conditions: Pulse width (PW) = 10 μs, Duty = 1%




Similar Part No. - NX7538BF-AA

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX7538BF-AA CEL-NX7538BF-AA Datasheet
881Kb / 5P
   1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7538BF-AA-AZ CEL-NX7538BF-AA-AZ Datasheet
881Kb / 5P
   1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
Renesas Technology Corp
NX7538BF-AA RENESAS-NX7538BF-AA_15 Datasheet
167Kb / 9P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
More results


Similar Description - NX7538BF-AA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX7537BF-AA RENESAS-NX7537BF-AA Datasheet
176Kb / 9P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7537BF-AA RENESAS-NX7537BF-AA_15 Datasheet
168Kb / 9P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7539BB-AA RENESAS-NX7539BB-AA_15 Datasheet
166Kb / 8P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7539BB-AA RENESAS-NX7539BB-AA Datasheet
173Kb / 8P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7538BF-AA RENESAS-NX7538BF-AA_15 Datasheet
167Kb / 9P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
California Eastern Labs
NX7537BF-AA CEL-NX7537BF-AA Datasheet
887Kb / 5P
   1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7539BB-AA CEL-NX7539BB-AA Datasheet
869Kb / 5P
   1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7538BF-AA CEL-NX7538BF-AA Datasheet
881Kb / 5P
   1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
Renesas Technology Corp
NX7338BF-AA RENESAS-NX7338BF-AA_15 Datasheet
164Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7339BB-AA RENESAS-NX7339BB-AA Datasheet
747Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
Jul 12, 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com