Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF750 Datasheet (PDF) - Siemens Semiconductor Group

CF750 Datasheet PDF - Siemens Semiconductor Group
Part # CF750
Download  CF750 Download

File Size   51.71 Kbytes
Page   6 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description GaAs MMIC (Biased Dual Gate GaAs FET)

CF750 Datasheet (PDF)

Go To PDF Page Download Datasheet
CF750 Datasheet PDF - Siemens Semiconductor Group

Part # CF750
Download  CF750 Click to download

File Size   51.71 Kbytes
Page   6 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description GaAs MMIC (Biased Dual Gate GaAs FET)

CF750 Datasheet (HTML) - Siemens Semiconductor Group

CF750 Datasheet HTML 1Page - Siemens Semiconductor Group CF750 Datasheet HTML 2Page - Siemens Semiconductor Group CF750 Datasheet HTML 3Page - Siemens Semiconductor Group CF750 Datasheet HTML 4Page - Siemens Semiconductor Group CF750 Datasheet HTML 5Page - Siemens Semiconductor Group CF750 Datasheet HTML 6Page - Siemens Semiconductor Group

CF750 Product details

GaAs MMIC

*Biased Dual Gate GaAs FET

*For frequencies from 400 MHz to 3 GHz

* Mixer and amplifier applications in handheld equipment

*Low power consumption, 2mA operating current typ.

*Operating voltage range: 3 to 6V

*Ion-implanted planar structure




Similar Part No. - CF750

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CF739 SIEMENS-CF739 Datasheet
138Kb / 7P
   GaAs FET (N-channel dual-gate GaAs MES FET)
logo
Microchip Technology
CF745 MICROCHIP-CF745 Datasheet
1Mb / 217P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
1998
logo
Okaya Electric America,...
CF78MPP225 OKAYA-CF78MPP225 Datasheet
309Kb / 1P
   SNUBBER CAPACITOR
logo
Satco Products, Inc.
CF7DS/827 SATCO-CF7DS/827 Datasheet
123Kb / 1P
   7 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; G23 base
CF7DS/835 SATCO-CF7DS/835 Datasheet
123Kb / 1P
   7 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; G23 base
More results


Similar Description - CF750

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CF739 SIEMENS-CF739 Datasheet
138Kb / 7P
   GaAs FET (N-channel dual-gate GaAs MES FET)
logo
Mimix Broadband
CF007-01 MIMIX-CF007-01_06 Datasheet
147Kb / 2P
   Dual Gate GaAs FET Chip
CF007-01 MIMIX-CF007-01 Datasheet
397Kb / 3P
   Dual Gate GaAs FET Chip
logo
Hitachi Semiconductor
3SK239A HITACHI-3SK239A Datasheet
41Kb / 6P
   GaAs Dual Gate MES FET
logo
Sony Corporation
SGM2014M SONY-SGM2014M Datasheet
107Kb / 4P
   GaAs N-channel Dual Gate MES FET?
3SK166A SONY-3SK166A Datasheet
72Kb / 5P
   GaAs N-channel Dual Gate MES FET
SGM2016AN SONY-SGM2016AN Datasheet
56Kb / 5P
   GaAs N-channel Dual-Gate MES FET
SGM2016M SONY-SGM2016M Datasheet
112Kb / 4P
   GaAs N-channel Dual-Gate MES FET
SGM2016AM SONY-SGM2016AM Datasheet
61Kb / 5P
   GaAs N-channel Dual-Gate MES FET
SGM2013N SONY-SGM2013N Datasheet
54Kb / 5P
   GaAs N-channel Dual-Gate MES FET
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com